Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4184 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4184
Description  High Voltage Very low current consumption Io=300mA Low Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4184 Datasheet(HTML) 2 Page - New Japan Radio

  NJW4184 Datasheet HTML 1Page - New Japan Radio NJW4184 Datasheet HTML 2Page - New Japan Radio NJW4184 Datasheet HTML 3Page - New Japan Radio NJW4184 Datasheet HTML 4Page - New Japan Radio NJW4184 Datasheet HTML 5Page - New Japan Radio NJW4184 Datasheet HTML 6Page - New Japan Radio NJW4184 Datasheet HTML 7Page - New Japan Radio NJW4184 Datasheet HTML 8Page - New Japan Radio NJW4184 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJW4184
- 2 -
Ver.2012-06-27
BLOCK DIAGRAM
A version
B version
OUTPUTVOLTAGERANKLIST
A version
SOT-89-5
TO-252-5
B version
SOT-89-3
TO-252-3
Device Name
VOUT
Device Name
VOUT
NJW4184U3-25B
2.5V
NJW4184DL1-25B
2.5V
NJW4184U3-33B
3.3V
NJW4184DL1-33B
3.3V
NJW4184U3-05B
5.0V
NJW4184DL1-05B
5.0V
NJW4184U3-15B
15.0V
NJW4184DL1-15B
15.0V
Device Name
VOUT
Device Name
VOUT
NJW4184U2-25A
2.5V
NJW4184DL3-25A
2.5V
NJW4184U2-33A
3.3V
NJW4184DL3-33A
3.3V
NJW4184U2-05A
5.0V
NJW4184DL3-05A
5.0V
NJW4184U2-08A
8.0V
NJW4184DL3-08A
8.0V
NJW4184U2-09A
9.0V
NJW4184DL3-12A
12.0V
NJW4184U2-12A
12.0V
NJW4184DL3-15A
15.0V
NJW4184U2-15A
15.0V
Current
Limit
Thermal
Protection
Bandgap
Reference
VOUT
VIN
CONTROL
GND
Current
Limit
Thermal
Protection
Bandgap
Reference
VOUT
VIN
GND


Similar Part No. - NJW4184

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4180 NJRC-NJW4180 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4180F05 NJRC-NJW4180F05 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4180F25 NJRC-NJW4180F25 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4180F33 NJRC-NJW4180F33 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
More results

Similar Description - NJW4184

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Leshan Radio Company
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
   18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com