Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4191 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4191
Description  Inverting Charge Pump IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4191 Datasheet(HTML) 4 Page - New Japan Radio

  NJW4191_13 Datasheet HTML 1Page - New Japan Radio NJW4191_13 Datasheet HTML 2Page - New Japan Radio NJW4191_13 Datasheet HTML 3Page - New Japan Radio NJW4191_13 Datasheet HTML 4Page - New Japan Radio NJW4191_13 Datasheet HTML 5Page - New Japan Radio NJW4191_13 Datasheet HTML 6Page - New Japan Radio NJW4191_13 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJW4191
- 4 -
Ver.2013-02-12
TYPICAL APPLICATION
V
+
8
C1
C2
NJW4191
R2
R1
ON/OFF
High: ON
Low: OFF
CLK
ON/OFF
VOUT
7
6
5
4
3
2
1
C-
C+
FB
CLK
C3
VOUT
V
+
GND


Similar Part No. - NJW4191_13

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4191M NJRC-NJW4191M Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4191R NJRC-NJW4191R Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
More results

Similar Description - NJW4191_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Panasonic Semiconductor
AN1201SM PANASONIC-AN1201SM_06 Datasheet
164Kb / 4P
   Polarity inverting charge pump DC/DC converter IC
logo
Sanyo Semicon Device
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
   Bi-CMOS LSI Inverting Charge Pump Regulator IC
logo
Panasonic Semiconductor
AN1201SM PANASONIC-AN1201SM Datasheet
84Kb / 5P
   Polarity inverting charge pump DC/DC converter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
   Micro Power Inverting Charge Pump
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
logo
Maxim Integrated Produc...
MAX868 MAXIM-MAX868 Datasheet
152Kb / 12P
   Regulated, Adjustable -2x Inverting Charge Pump
Rev 1; 2/98
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com