Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4813 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4813
Description  Dual Half Bridge Driver with Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4813 Datasheet(HTML) 4 Page - New Japan Radio

  NJW4813 Datasheet HTML 1Page - New Japan Radio NJW4813 Datasheet HTML 2Page - New Japan Radio NJW4813 Datasheet HTML 3Page - New Japan Radio NJW4813 Datasheet HTML 4Page - New Japan Radio NJW4813 Datasheet HTML 5Page - New Japan Radio NJW4813 Datasheet HTML 6Page - New Japan Radio NJW4813 Datasheet HTML 7Page - New Japan Radio NJW4813 Datasheet HTML 8Page - New Japan Radio NJW4813 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NJW4813
- 4 -
Ver.2012-10-19
ELECTRICAL CHARACTERISTICS
Boost Converter Block
(Unless otherwise noted, VDD_SW=VSTBYb=3.7V, RT=100kΩ, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Under Voltage Lockout Block
UVLO Release Voltage
VRUVLO_SW
2.1
2.4
2.7
V
UVLO Operate Voltage
VDUVLO_SW
2.0
2.2
2.5
V
UVLO Hysteresis Voltage
∆VUVLO_SW VRUVLO_SW - VDUVLO_SW
0.2
V
Soft Start Block
Soft Start Time
TSS
VB=0.95V
8
17
28
ms
Oscillator Block
Oscillation Frequency
fOSC
630
700
770
kHz
Oscillation Frequency
deviation (Supply voltage)
fDV
VDD_SW=3.0 to 5.5V
1
%
Oscillation Frequency
deviation (Temperature)
fDT
Ta= -40 to +85
°C
3
%
Error Amplifier Block
Reference Voltage
VB
Short IN- and FB,
Measuring IN- Pin
-1.0%
1.00
+1.0%
V
Input Bias Current
IB
VB=1.0V
-0.1
+0.1
µA
Open Loop Gain
AV
80
dB
Gain Bandwidth
GB
1
MHz
Output Source Current
IOM+
VFB=1V, VIN-=0.9V
8
16
24
µA
Output Sink Current
IOM-
VFB=1V, VIN-=1.1V
0.9
1.4
4
mA
IN- pin Clamp Voltage
VCLIN-
VSTBYb=0V, VDD_SW=5.5V,
ICLIN-=10µA
4.8
5.2
5.6
V
RADJ pin
FET ON Resistance
RON_RADJ
IRADJ=0.1mA
200
280
RADJ pin
FET Leak Current
ILEAK_RADJ
VSTBYb=0V, VRADJ=3.3V
1
µA
PWM Comparate Block
Maximum Duty Cycle
MAXDUTY
VIN-=0.9V
82
87
92
%
Output Block
Output ON Resistance
RON_SW
ISW=100mA
0.6
1.2
Switching Current Limit
ILMT_SW
1
2
A
Switching Leak Current
ILEAK_SW
VSTBYb=0V, VSW=40V
1
µA


Similar Part No. - NJW4813

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
   Dual Half Bridge Driver
NJW4810GM1 NJRC-NJW4810GM1 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
   Dual H-Bridge Driver with Boost Converter
More results

Similar Description - NJW4813

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
   Dual H-Bridge Driver with Boost Converter
logo
Linear Technology
LT8415 LINER-LT8415_15 Datasheet
192Kb / 12P
   Ultralow Power Boost Converter with Dual Half-Bridge Switches
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
   DUAL HALF BRIDGE DRIVER
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
   Dual Half Bridge Driver
logo
ON Semiconductor
FAN8841 ONSEMI-FAN8841 Datasheet
737Kb / 16P
   Dual Half-Bridge Piezoelectric Driver with Step-up DC-DC Converter
June 2015 Rev. 1.0
logo
Linear Technology
LT1336 LINER-LT1336 Datasheet
365Kb / 16P
   Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
LT1336 LINER-LT1336_15 Datasheet
266Kb / 20P
   Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
   Dual Half Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com