Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT245CMSA Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74ABT245CMSA
Description  Octal Bi-Directional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT245CMSA Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74ABT245CMSA Datasheet HTML 3Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 4Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 5Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 6Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 7Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 8Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 9Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 10Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74ABT245CMSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT245CMSA FAIRCHILD-74ABT245CMSA Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
More results

Similar Description - 74ABT245CMSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC245 RENESAS-HD74AC245 Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com