Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4172 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4172
Description  75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4172 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4172 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4172 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - PE4172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
   SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4170 PASTERNACK-PE4170 Datasheet
348Kb / 3P
   SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
   SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171 Datasheet
818Kb / 2P
   SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4171 PASTERNACK-PE4171 Datasheet
348Kb / 3P
   SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
   75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4286 PASTERNACK-PE4286 Datasheet
213Kb / 3P
   75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4169 PASTERNACK-PE4169 Datasheet
287Kb / 1P
   75 ohm smc Jack Bulkhead Connector SOLDER Attachment Solder Cup Terminal, .295 inch D Hole Read mount
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
   75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4173 PASTERNACK-PE4173 Datasheet
812Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount
PE4287 PASTERNACK-PE4287 Datasheet
868Kb / 2P
   75 Ohm SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D Hole
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
   75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
   75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
   SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4284 PASTERNACK-PE4284 Datasheet
220Kb / 3P
   SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com