Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT574 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ABT574
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT574 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT574 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 3: Guaranteed, but not tested.
Note 4: For 8-bit toggling, ICCD  0.8 mA/MHz.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 2)
0.5V to 7.0V
Input Current (Note 2)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
V
Min
IOH 3 mA
2.0
V
Min
IOH 32 mA
VOL
Output LOW Voltage
0.55
IOL 64 mA
IIH
Input HIGH Current
1
PA
Max
VIN 2.7V (Note 3)
1
VIN VCC
IBVI
Input HIGH Current Breakdown Test
7
PA
Max
VIN 7.0V
IIL
Input LOW Current
1
PA
Max
VIN 0.5V (Note 3)
1
VIN 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA
All Other Pins Grounded
IOZH
Output Leakage Current
10
PA
0
 5.5V VOUT 2.7V; OE 2.0V
IOZL
Output Leakage Current
10
PA
0
 5.5V VOUT 0.5V; OE 2.0V
IOS
Output Short-Circuit Current
100
275
mA
Max
VOUT 0.0V
ICEX
Output High Leakage Current
50
PA
Max
VOUT VCC
IZZ
Bus Drainage Test
100
PA
0.0
VOUT 5.5V; All Other GND
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
PA
Max
OE
VCC
All Others at VCC or GND
ICCT
Additional ICC/Input
Outputs Enabled
2.5
mA
VI VCC  2.1V
Outputs 3-STATE
2.5
mA
Max
Enable Input VI VCC  2.1V
Outputs 3-STATE
2.5
mA
Data Input VI VCC  2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open, OE
GND,
(Note 3)
0.30
MHz
One Bit Toggling (Note 4),
50% Duty Cycle


Similar Part No. - 74ABT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT574 FAIRCHILD-74ABT574 Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
74ABT574AD PHILIPS-74ABT574AD Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
74ABT574ADB PHILIPS-74ABT574ADB Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
74ABT574AN PHILIPS-74ABT574AN Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
More results

Similar Description - 74ABT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com