Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT244CPCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ABT244CPCX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244CPCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT244CPCX Datasheet HTML 1Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: For 8 bits toggling, ICCD  0.8 mA/MHz.
Note 5: Guaranteed, but not tested.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
V
Min
IOH 3 mA
2.0
V
Min
IOH 32 mA
VOL
Output LOW Voltage
0.55
IOL 64 mA
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (Note 5)
1VIN VCC
IBVI
Input HIGH Current Breakdown Test
7
PAMax
VIN 7.0V
IIL
Input LOW Current
1
PAMax
VIN 0.5V (Note 5)
1VIN 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA
All Other Pins Grounded
IOZH
Output Leakage Current
10
PA0  5.5V
VOUT 2.7V; OEn 2.0V
IOZL
Output Leakage Current
10
PA0  5.5V
VOUT 0.5V; OEn 2.0V
IOS
Output Short-Circuit Current
100
275
mA
Max
VOUT 0.0V
ICEX
Output High Leakage Current
50
PAMax
VOUT VCC
IZZ
Bus Drainage Test
100
PA0.0
VOUT 5.5V; All Others GND
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
PAMax
OEn VCC,
All Others at VCC or Ground
ICCT
Additional ICC/Input
Outputs Enabled
2.5
mA
Max
VI VCC  2.1V
Outputs 3-STATE
2.5
mA
Enable Input VI VCC  2.1V
Outputs 3-STATE
50
PA
Data Input VI VCC  2.1V
All Others at VCC or Ground
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs OPEN
(Note 5)
0.1
MHz
OEn GND, (Note 4)
One Bit Toggling, 50% Duty Cycle


Similar Part No. - 74ABT244CPCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMSAX_NL FAIRCHILD-74ABT244CMSAX_NL Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTC FAIRCHILD-74ABT244CMTC Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTCX_NL FAIRCHILD-74ABT244CMTCX_NL Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CSC FAIRCHILD-74ABT244CSC Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT244CPCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com