Electronic Components Datasheet Search |
|
39212000000 Datasheet(PDF) 1 Page - Littelfuse |
|
39212000000 Datasheet(HTML) 1 Page - Littelfuse |
1 / 3 page 175 © 2009 Littelfuse, Inc. Specifications are subject to change without notice. Radial Lead Fuses 392 Series TE5® > Time-Lag > 392 Series Please refer to www.littelfuse.com/series/392.html for current information. 392 Series, TE5®,Time-Lag Fuse Agency Approvals Agency Agency File Number Ampere Range 5007679-1170-0007/82577 800mA - 6.3A 1010251, 1026673 800mA - 4A, 5A - 6.3A E67006 800mA - 6.3A JET1896-31007-2002 1A - 5A CQC07012021162 800mA - 6.3A SU05024-7013 SU05024-7014 SU05024-7015 SU05024-7016 SU05024-7017 SU05024-7018 800mA - 6.3A Features Electrical Characteristics for Series Applications Electrical Characteristic Specifications by Item Amp Code Rated Current Voltage Rating Breaking Capacity Voltage Drop 1.0 x I N max. (mV) Power Dissipation 1.5 x I N max. (mW) Melting Integral 10 x I N min. (A2s) Agency Approvals 0800 800 mA 110 280 3.80 x x x x x 1100 1.00 A 115 400 5.80 x x x x x x 1125 1.25 A 100 500 9.75 x x x x x x 1160 1.60 A 95 600 13.50 x x x x x x 1200 2.00 A 90 700 21.00 x x x x x x 1250 2.50 A 85 750 32.00 x x x x x x 1315 3.15 A 80 1100 55.00 x x x x x x 1400 4.00 A 75 1200 100.00 x x x x x x 1500 5.00 A 70 1000 90.00 x x x x x x 1630 6.30 A 65 1200 126.00 x x x x x % of Ampere Rating OpeningTime 150% Min. 210% Max. 275% Min. Max. 400% Min. Max. 1000% Min. Max. TE5® Description Revised: March 8, 2011 |
Similar Part No. - 39212000000 |
|
Similar Description - 39212000000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |