Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2944770302 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2944770302
Description  44 PC BEAD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2944770302 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2944770302 Datasheet HTML 1Page - Fair-Rite Products Corp. 2944770302 Datasheet HTML 2Page - Fair-Rite Products Corp. 2944770302 Datasheet HTML 3Page - Fair-Rite Products Corp. 2944770302 Datasheet HTML 4Page - Fair-Rite Products Corp. 2944770302 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2944770302
Printed: 2010-11-09
Part Number:
2944770302
Frequency Range: Broadband Frequencies 10-300 MHz (44 material)
Description:
44 PC BEAD
Application:
Suppression Components
Where Used:
Board Component
Part Type:
PC Beads (Through Hole)
Mechanical Specifications
Weight:
7.400
(g)
Part Type Information
Multiple single turn or multi-turn printed circuit EMI suppression beads are available in two Fair-Rite materials. The broadband
44 material and in the high frequency 52 material grade.
-PC Beads can be supplied with lower component heights 'C'. Also, the wire length 'F' can be modified to specific requirements.
-Wires are oxygen free high conductivity copper with a lead-free tin coating. Wires on top of the beads are
covered with a layer of epoxy.
-PC Beads are controlled for impedance only. The impedances listed are typical values. Minimum impedance values are specified for the
+ marked frequencies. The minimum guaranteed impedance is the listed impedance less 20%.
-The PC Beads in 44 material are measured on the 4193A Vector Impedance Analyzer. The 52 PC Beads are tested for impedance on the
4191A RF Impedance Analyzer.
-Recommended operating and storage temperature for the PC Beads is -55°C to +125°C.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade and last digit 1 = standard wire length 2.4 mm (.095'')
minimum.


Similar Part No. - 2944770302

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2944770301 FAIR-RITE-2944770301 Datasheet
575Kb / 5P
   44 PC BEAD
2944770301 FAIR-RITE-2944770301 Datasheet
1Mb / 2P
   PC Beads
2944770301 FAIR-RITE-2944770301_18 Datasheet
1Mb / 2P
   PC Beads
More results

Similar Description - 2944770302

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2944776101 FAIR-RITE-2944776101 Datasheet
573Kb / 5P
   44 PC BEAD
2944778301 FAIR-RITE-2944778301 Datasheet
579Kb / 5P
   44 PC BEAD
2944776102 FAIR-RITE-2944776102 Datasheet
532Kb / 5P
   44 PC BEAD
2944770301 FAIR-RITE-2944770301 Datasheet
575Kb / 5P
   44 PC BEAD
2944778101 FAIR-RITE-2944778101 Datasheet
569Kb / 5P
   44 PC BEAD
2944778102 FAIR-RITE-2944778102 Datasheet
527Kb / 5P
   44 PC BEAD
2944778302 FAIR-RITE-2944778302 Datasheet
539Kb / 5P
   44 PC BEAD
2944777741 FAIR-RITE-2944777741 Datasheet
583Kb / 5P
   44 WOUND BEAD
2944666631 FAIR-RITE-2944666631 Datasheet
592Kb / 5P
   44 WOUND BEAD
2944666634 FAIR-RITE-2944666634 Datasheet
544Kb / 5P
   44 WOUND BEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com