Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39208000440 Datasheet(PDF) 3 Page - Littelfuse

Part # 39208000440
Description  Radial Lead Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

39208000440 Datasheet(HTML) 3 Page - Littelfuse

  39208000440 Datasheet HTML 1Page - Littelfuse 39208000440 Datasheet HTML 2Page - Littelfuse 39208000440 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
177
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
392 Series
TE5® > Time-Lag > 392 Series
Please refer to www.littelfuse.com/series/392.html for current information.
Materials
Lead Pull Strength
Solderability
Soldering Heat
Resistance
Product Characteristics
Operating Temperature
Climatic Category
Stock Conditions
95%
Vibration Resistance
Dimensions
8.5
∅ 0.6
5.08
1.5
max. 4
Part Numbering System
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
392 Series
N/A
1,400
0000
N/A
N/A
1,400
0440
N/A
0000
392 xxxx
Packaging Code
Amp Code
Series
0000 Tape/Ammopack (1,400 pcs.)
0440 Short Leads - Bulk (1,400 pcs.)
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 39208000440

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
392085 EXTECH-392085 Datasheet
111Kb / 1P
   Pocket Thermometer / Alarm
More results

Similar Description - 39208000440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
   Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
   Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
   Radial Lead Fuses
383 LITTELFUSE-383 Datasheet
172Kb / 3P
   Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
   Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com