Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z22-020 Datasheet(PDF) 4 Page - Harwin Plc

Part # Z22-020
Description  2mm Hand Crimp Tool
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

Z22-020 Datasheet(HTML) 4 Page - Harwin Plc

  Z22-020 Datasheet HTML 1Page - Harwin Plc Z22-020 Datasheet HTML 2Page - Harwin Plc Z22-020 Datasheet HTML 3Page - Harwin Plc Z22-020 Datasheet HTML 4Page - Harwin Plc Z22-020 Datasheet HTML 5Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IS-05 Issue: 2 Date: 09.01.01 C/Note: 5684
Side 3
6.
Partially close the crimp tool until the wire stop comes across the face of the fixed
jaw.
7.
Take the pre-stripped wire and insert it into the contact so the conductors and
insulation are positioned in the crimp. The conductors should be touching the wire
stop.
8.
Keeping the cable steady in the crimp, fully close the hand crimp tool until the
ratchet releases. Let the crimp tool open.
9.
After crimping remove the assembly. The process is then repeated for each crimp
required.
TOOL MAINTENANCE
1.
Keep the tool clean and free from dirt and foreign matter. Ensure that all retaining
pins and clips are in place before use, and that signs of wear are not visible. If the
pivots are worn, the tool must be replaced, or crimp integrity will be compromised.
2.
Oil at all pivots and bearings using a light cycle oil.
3.
At regular intervals, check the crimp tool jaws for wear or damage, and inspect
sample crimps for form and function. Minimum pull-off forces (as shown in the
previous table) should be achieved when sample is tested. If forces are not
achieved, calibrate the tool (see over).


Similar Part No. - Z22-020

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z220 RECTRON-Z220 Datasheet
17Kb / 2P
   ZENER SILICON RETIFIER
logo
Formosa MS
Z220 FORMOSA-Z220 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
Z220 SEMTECH_ELEC-Z220 Datasheet
217Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
Z220 NJSEMI-Z220 Datasheet
94Kb / 1P
   PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
Formosa MS
Z220B FORMOSA-Z220B Datasheet
112Kb / 7P
   Zener Diode
More results

Similar Description - Z22-020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
   Hand Crimp Tool
64003-3600 MOLEX11-64003-3600 Datasheet
28Kb / 1P
   Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
   Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
   Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2300 MOLEX11-64001-2300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2500 MOLEX11-64001-2500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-4900 MOLEX11-64001-4900 Datasheet
36Kb / 1P
   Hand Crimp Tool
64003-0400 MOLEX11-64003-0400 Datasheet
45Kb / 1P
   Hand Crimp Tool
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com