Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1437596-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1437596-4
Description  Rocker Switch For Additional Options Refer to Page E4-E6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437596-4 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1437596-4 Datasheet HTML 1Page - Tyco Electronics 2-1437596-4 Datasheet HTML 2Page - Tyco Electronics 2-1437596-4 Datasheet HTML 3Page - Tyco Electronics 2-1437596-4 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E4
E
AUGAT Inc.
452 John L. Dietsch Blvd.
Attleboro Falls, MA 02763 USA
(508) 699-9800 FAX (800) 533-2526
Integral w/rocker
(TRD 1 only)
E
Contact
Actuator
L.E.D.
L.E.D.
Model
Rating
Function
Actuator
Color
Terminal
Mount
Illumin.
Color
*UL
Functions:
Silver only
D, F, N, & R
Terminations
Functions only
WL, WW or QC only
Single
Pole
Double
Pole
1
Gold
0.4VA
Silver
3A
Single Pole
on-on
D
on-off-on
F on-(on)
G
on-off-(on)
(on)-off-(on)
H
Double Pole
on-on
2
0
6
9
black
red
blue
yellow
2
WL Wire Lug
WW Wire Wrap
Quick
Connect
PC Printed
Circuit
15/32"
round hole
1/2"
square hole
5
L
LR
Beveled frame
adaptor
None
Option L
bi-color
red/green
2 red
4
yellow
5 green
25
3
1
TRD1
Rocker
Paddle
R
N
P on-off-on
on-(on)
on-off-(on)
S
T
(on)-off-(on)
TRD2
QC
TRD Series Rocker/Paddle • How To Order
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ...................... Silver: 3A max. @ 125 VAC, option 3
Gold: 0.4VA max. @ 20 VDC, option 1
Initial Contact Resistance ..... 20 Milliohms max.
Static Withstanding ............... 15KV, per IEC 801-2
Insulation Resistance ............ 1,000 Megohms min. @ 500 VDC
Dielectric Strength ................ 500 Volts RMS @ sea level
Electrical Life
2 Pos. 20K cycles @ full rated 3A load, 80K
@ 0.4VA, 3 pos. 10K cycles @ full rated 3A
load, 60K @ 0.4VA
MATERIAL SPECIFICATIONS:
Movable Contacts ................. Copper alloy w/silver inlay contact or
gold plate
Terminals/Fixed Contacts ..... Copper alloy w/silver inlay contact or
gold plate
Terminal Seal ........................ Epoxy
Housing/Beveled Frame ....... Polyamide, black matte finish
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ......... -4
°F to +176°F (-20°C to +80°C)
Storage Temperature ............. -49
°F to +199°F (-45°C to +93°C)
Solder Heat Resistance ......... Meets MIL-STD-202, method 210
*NOTICE: Caution should be used when hand-soldering. Solder heat Resistance -550
°-600°F for less than 5 seconds. Solder with the switch in the
closed position.
UL recognized under the Component Program of Underwriters Laboratories Inc. File #E46765
HOW TO ORDER
ACTUATORS
2
1
.710
(18.0)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.130
(3.30)
15/32-32
UNS-2A
THD.
.507
(12.90)
.265
(6.73)
.550
(14.0)
.345
(8.76)
.750
(19.1)
.130
(3.30)
.150
(3.81)
See pages M2-M4 for application specific indexing.


Similar Part No. - 2-1437596-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437596-0 MACOM-2-1437596-0 Datasheet
117Kb / 4P
   Rocker Switch For Additional Options Refer to Page E4-E6
2-1437596-9 MACOM-2-1437596-9 Datasheet
117Kb / 4P
   Rocker Switch For Additional Options Refer to Page E4-E6
More results

Similar Description - 2-1437596-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437596-9 MACOM-2-1437596-9 Datasheet
117Kb / 4P
   Rocker Switch For Additional Options Refer to Page E4-E6
2-1437596-0 MACOM-2-1437596-0 Datasheet
117Kb / 4P
   Rocker Switch For Additional Options Refer to Page E4-E6
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
   Switch Rocker
logo
CW Industries
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
   ROCKER SWITCH
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
   ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
   ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
   ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
   ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
   ROCKER SWITCH
GRB112B802BR1 CWIND-GRB112B802BR1 Datasheet
60Kb / 1P
   ROCKER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com