Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC138SC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74AC138SC
Description  1-of-8 Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC138SC Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74AC138SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC138SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Similar Part No. - 74AC138SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC138SC FAIRCHILD-74AC138SC Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138SC ONSEMI-74AC138SC Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
logo
Fairchild Semiconductor
74AC138SCX FAIRCHILD-74AC138SCX Datasheet
104Kb / 9P
   ICC reduced by 50%, Demultiplexing capability, Multiple input enable for easy expansion
More results

Similar Description - 74AC138SC

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com