Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1009FTA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCT1009FTA
Description  HIGH-SIDE CURRENT MONITOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1009FTA Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXCT1009FTA Datasheet HTML 1Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 2Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 3Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 4Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 5Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 6Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 7Page - Diodes Incorporated ZXCT1009FTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXCT1009
HIGH-SIDE CURRENT MONITOR
ZXCT1009
Document number: DS33441 Rev. 12 - 2
6 of 8
www.diodes.com
April 2011
© Diodes Incorporated
Application Information (cont.)
PCB trace shunt resistor for low cost solution
The figure below shows output characteristics of the device
when using a PCB resistive trace for a low cost solution in
replacement for a conventional shunt resistor. The graph shows
the linear rise in voltage across the resistor due to the PTC of
the material and demonstrates how this rise in resistance value
over temperature compensates for the NTCof the device.
The figure opposite shows a PCB layout suggestion. The
resistor section is 25mm x 0.25mm giving approximately 150m
using 1oz copper. The data for the normalised graph was
obtained using a 1A load current and a 100
Ω output resistor. An
electronic version of the PCB layout is available through Diodes
applications group.
Effect of Sense Resisitor Material
on Temperature Performance
Layout shows area of shunt resistor compared to SOT23
package. Not actual size.
Ordering Information
Device
AEC-Q100
level
Reel
Size
Tape Width
Quantity per Reel
Part Marking
Package
ZXCT1009FTA
Grade 3
7”
8mm
3000 Units
109
SOT23
ZXCT1009F-7
None
7”
8mm
3000 Units
109
SOT23
ZXCT1009T8TA
None
7”
12mm
1000 Units
ZXCT1009
SM8


Similar Part No. - ZXCT1009FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009FTA ZETEX-ZXCT1009FTA Datasheet
851Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009FTA ZETEX-ZXCT1009FTA Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009FTA DIODES-ZXCT1009FTA Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results

Similar Description - ZXCT1009FTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com