Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1009T8TA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXCT1009T8TA
Description  HIGH-SIDE CURRENT MONITOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1009T8TA Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXCT1009T8TA Datasheet HTML 1Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 2Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 3Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 4Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 5Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 6Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 7Page - Diodes Incorporated ZXCT1009T8TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXCT1009
HIGH-SIDE CURRENT MONITOR
ZXCT1009
Document number: DS33441 Rev. 12 - 2
7 of 8
www.diodes.com
April 2011
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
1) SOT23
2)
SM8
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
SM-8
Dim
Min
Max
Typ
A
1.7
A1
0.02
0.1
b
0.7
c
0.24
0.32
D
6.3
6.7
e
1.53
e1
4.59
E
6.7
7.3
E1
3.3
3.7
L
0.9
All Dimensions in mm
15°
45°
L
c
E1
E
D
b
ee1
A
A1
A
M
J
L
D
F
B C
H
K
G
K1


Similar Part No. - ZXCT1009T8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009T8TA ZETEX-ZXCT1009T8TA Datasheet
851Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009T8TA ZETEX-ZXCT1009T8TA Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009T8TA DIODES-ZXCT1009T8TA Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results

Similar Description - ZXCT1009T8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com