Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1362ET5TA Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXLD1362ET5TA
Description  60V 1A LED DREIVER WITH AEC-Q100
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1362ET5TA Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXLD1362ET5TA Datasheet HTML 7Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 8Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 9Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 10Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 11Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 12Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 13Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 14Page - Diodes Incorporated ZXLD1362ET5TA Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ZXLD1362
ZXLD1362
Document number: DS33472 Rev. 5 - 2
11 of 24
www.diodes.com
May 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (cont.)
ZXLD1362 Output Current
L = 150µH
 
1000
1100
1010
1090
1020
1080
1030
1070
1040
1060
1050
15 LED
13 LED
11 LED
9 LED
7 LED
5 LED
3 LED
1 LED
0
70
40
50
60
10
20
30
Supply Voltage (V)
15 LED
13 LED
11 LED
9 LED
7 LED
5 LED
3 LED
1 LED
0
70
40
50
60
10
20
30
Supply Voltage (V)
ZXLD1362 Output Current
L = 150µH
-10%
10%
-8%
8%
-6%
6%
-4%
4%
-2%
2%
0%
15 LED
13 LED
11 LED
9 LED
7 LED
5 LED
3 LED
1 LED
0
70
40
50
60
10
20
30
Supply Voltage (V)
ZXLD1362 Efficiency
L = 150µH
100%
50%
60%
70%
90%
80%


Similar Part No. - ZXLD1362ET5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1362ET5TA ZETEX-ZXLD1362ET5TA Datasheet
866Kb / 32P
   1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1362ET5TA DIODES-ZXLD1362ET5TA Datasheet
471Kb / 25P
   60V 1A LED DRIVER WITH AEC-Q100
More results

Similar Description - ZXLD1362ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
   30V 1A LED DRIVER with AEC-Q100
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
   60V 550mA LED DRIVER with AEC-Q100
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
   30V 350mA LED DRIVER with AEC-Q100
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TAN ALSC-AS4C4M16D1A-5TAN Datasheet
2Mb / 54P
   AEC-Q100 Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com