Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1437629-0 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1437629-0
Description  Product Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437629-0 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1437629-0 Datasheet HTML 1Page - Tyco Electronics 2-1437629-0 Datasheet HTML 2Page - Tyco Electronics 2-1437629-0 Datasheet HTML 3Page - Tyco Electronics 2-1437629-0 Datasheet HTML 4Page - Tyco Electronics 2-1437629-0 Datasheet HTML 5Page - Tyco Electronics 2-1437629-0 Datasheet HTML 6Page - Tyco Electronics 2-1437629-0 Datasheet HTML 7Page - Tyco Electronics 2-1437629-0 Datasheet HTML 8Page - Tyco Electronics 2-1437629-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Catalogue No. 8-1773450-9
Issued 09/2008
Dimensions are in mm and inches and
are shown for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Number of poles, positions
110 1 pole, 2-10 positions, shaft without knob
110 1 pole, 2-10 positions, with knob
25 2 pole, 2-5 positions, shaft without knob
25 2 pole, 2-5 positions, with knob
33 3 pole, 2-3 positions, shaft without knob
0.61
(15.5)
DIA.
0.13
(3.30)
DIA.
0.75
(19.1)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.26
(6.60)
0.23
(5.84)
0.03 x 0.04Dp
(0.76 x 1.02Dp)
1/4-40 UNS2-A
3
1
2
3
1
2
3
1
2
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
36
TYP.
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
3
3
3
2
2
2C
1C
3C
1
1
MRC33S04
0.64
(16.26)
0.56
(14.2)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.33
(8.38)
1/4-40 UNS2-A
0.12
(3.05)
0.26
(6.60)
0.60
(15.2)
1
2
3
4
5
1
2
3
4
5
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
36
TYP.
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
4
1
3
3
2
2C
1C
4
5
2
Knob not sold
separately
MRC2504
0.61
(15.5)
DIA.
0.13
(3.30)
DIA.
0.75
(19.1)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.26
(6.60)
0.23
(5.84)
0.03 x 0.04Dp
(0.76 x 1.02Dp)
1/4-40 UNS2-A
1
2
3
4
5
1
2
3
4
5
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
36
TYP.
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
4
1
3
3
2
2C
1C
4
5
2
MRC25S04
0.64
(16.26)
0.56
(14.2)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.33
(8.38)
1/4-40 UNS2-A
0.12
(3.05)
0.26
(6.60)
0.60
(15.2)
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
9
6
3
8
2
1
1C
4
10
7
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
7
8
9
10 1 2
3
36
TYP.
4
5
6
* Two common terminals
are internally shorted.
Use either one.
Knob not sold separately
MRC11004
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
9
6
3
8
2
1
1C
4
10
7
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
7
8
9
10 1 2
3
36
TYP.
4
5
6
* Two common terminals
are internally shorted.
Use either one.
0.61
(15.5)
DIA.
0.13
(3.30)
DIA.
0.75
(19.1)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.26
(6.60)
0.23
(5.84)
0.03 x 0.04Dp
(0.76 x 1.02Dp)
1/4-40 UNS2-A
MRC110S04
Rotary Switches
MRC Series, 500m Amp (Continued)
I 3


Similar Part No. - 2-1437629-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437621-0 MACOM-2-1437621-0 Datasheet
1Mb / 22P
   Alcoknob
2-1437621-2 MACOM-2-1437621-2 Datasheet
1Mb / 22P
   Alcoknob
2-1437621-4 MACOM-2-1437621-4 Datasheet
1Mb / 22P
   Alcoknob
2-1437621-5 MACOM-2-1437621-5 Datasheet
132Kb / 1P
   KNOB KA SERIES
2-1437621-7 MACOM-2-1437621-7 Datasheet
1Mb / 22P
   Alcoknob
More results

Similar Description - 2-1437629-0

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154LDS-3C4K3-TR STANLEY-VCEW1154LDS-3C4K3-TR Datasheet
793Kb / 24P
   Wide range temperature applicable product
JFN1104LS-AR STANLEY-JFN1104LS-AR Datasheet
1Mb / 23P
   Wide range temperature applicable product
VCEB1104LS-TR STANLEY-VCEB1104LS-TR Datasheet
837Kb / 23P
   Wide range temperature applicable product
JGN1104LS-AR STANLEY-JGN1104LS-AR Datasheet
649Kb / 23P
   Wide range temperature applicable product
1104LS STANLEY-1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
VCEG1104LS-TR STANLEY-VCEG1104LS-TR Datasheet
823Kb / 23P
   Wide range temperature applicable product
VFSR1104LS-TR STANLEY-VFSR1104LS-TR Datasheet
844Kb / 22P
   Wide range temperature applicable product
VFSY1104LS-TR STANLEY-VFSY1104LS-TR Datasheet
823Kb / 22P
   Wide range temperature applicable product
logo
Schneider Electric
XVS14MMW SCHNEIDER-XVS14MMW Datasheet
111Kb / 3P
   Range of product Harmony XVS
Jan 12, 2021
logo
STANLEY ELECTRIC CO.,LT...
VCHB1104LSE-TR STANLEY-VCHB1104LSE-TR Datasheet
776Kb / 23P
   Wide range temperature applicable product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com