Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4500 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4500
Description  SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4500 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4500 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4500 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4500 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
75 Ohm N Male Connector Clamp/Solder Attachment For RG6 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Connector Clamp/Solder Attachment For RG6 PE4507
URL: http://www.pasternack.com/n-male-standard-rg6-connector-pe4507-p.aspx
75 Ohm N Male Connector Clamp/Solder Attachment For RG6
PE4507
PE4507 REV


Similar Part No. - PE4500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500 Datasheet
319Kb / 3P
   SHV Jack Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45000 PASTERNACK-PE45000 Datasheet
342Kb / 3P
   7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .120 inch Diameter
PE45001 PASTERNACK-PE45001 Datasheet
402Kb / 3P
   7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment for LMR-600, PE-C600
PE45002 PASTERNACK-PE45002 Datasheet
446Kb / 3P
   N Male Low PIM For RG402, PE-SR402FL
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
   RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
More results

Similar Description - PE4500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44118 PASTERNACK-PE44118 Datasheet
253Kb / 2P
   SHV Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
   SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4238 PASTERNACK-PE4238 Datasheet
254Kb / 2P
   BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4239 PASTERNACK-PE4239 Datasheet
355Kb / 3P
   SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4500 PASTERNACK-PE4500_16 Datasheet
319Kb / 3P
   SHV Jack Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4971 PASTERNACK-PE4971 Datasheet
223Kb / 3P
   C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
   MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE44149 PASTERNACK-PE44149 Datasheet
204Kb / 2P
   FME Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
   N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
   BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com