Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE-Q21-2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XE-Q21-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XE-Q21-2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XE-Q21-2 Datasheet HTML 1Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 2Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 3Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 4Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 5Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 6Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 7Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 8Page - Omron Electronics LLC XE-Q21-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
F-122
Enclosed Switches
ZE/ZV/XE/XV
■ Operating Characteristics
Note: 1. The OP of ZV2-Q-2/XV2-Q-2 is 24.2
±0.8 mm.
2. The OP of ZV2-Q22-2/XV2-Q22-2 is 35.7
±1 mm.
3. The OP of ZV2-Q21-2/XV2-Q21-2 is 35.7
±0.8 mm.
Note: 1. The OP of ZV2-N-2/XV2-N-2 is 31.9
±0.8 mm.
2. The OP of ZV2-N22-2/ZV2-N21-2 is 35.7
±0.8 mm.
Model
ZE-Q-2
XE-Q-2
ZE-Q22-2
XE-Q22-2
ZE-Q21-2
OF
2.45 to 3.43 N
5.00 N max.
2.45 to 3.43 N
5.00 N max.
2.45 to 3.43 N
RF min.
1.12 N
1.12 N
1.12 N
1.12 N
1.12 N
PT max.
0.4 mm
0.9 mm
0.5 mm
0.9 mm
0.5 mm
OT min.
5.5 mm
5.5 mm
3.6 mm
3.6 mm
3.6 mm
MD max.
0.05 mm
0.47 mm
0.05 mm
0.47 mm
0.05 mm
OP
38.2
±0.8 mm
49.7
±1 mm
49.7
±1 mm
Model
XE-Q21-2
ZE-QA2-2
XE-QA2-2
ZE-QA277-2
XE-QA277-2
ZE-N-2
OF
5.00 N max.
5.59 N max.
6.47N max.
5.59 N
6.47 N
7.85 N
RF min.
1.12 N
1.67 N
1.67 N
1.67 N
1.67 N
2.35 N
PT max.
0.9 mm
4 mm
6 mm
4 mm
6 mm
2 mm
OT min.
3.6 mm
6 mm
5.5 mm
6 mm
5.5 mm
5 mm
MD max.
0.47 mm
0.4 mm
0.72 mm
0.4 mm
0.72 mm
0.1 mm
OP
49.7
±1 mm
---
45.8
±0.8 mm
Model
XE-N-2
ZE-N22-2
ZE-N21-2
ZE-NA2-2
XE-NA2-2
ZE-NA277-2
OF
10.20 N
4.90 N
6.28 N
7.26 N
6.28 N
RF min.
2.35 N
0.98 N
2.26 N
2.26 N
2.26 N
PT max.
3 mm
1 mm
5 mm
6 mm
5 mm
OT min.
4 mm
3.5 mm
6 mm
5.5 mm
6 mm
MD max.
0.47 mm
0.12 mm
0.4 mm
0.72 mm
0.4 mm
OP
45.8
±0.8 mm
49.7
±0.8 mm
---
Model
XE-NA277-2
ZV(2)-Q-2
XV(2)-Q-2
ZV(2)-Q22-2
XV(2)-Q22-2
OF
7.26 N
2.45 to 3.43 N
5.00 N max.
2.45 to 3.43 N
5.00 N max.
RF min.
2.26 N
1.12 N
1.12 N
1.12 N
1.12 N
PT max.
6 mm
0.4 mm
0.9 mm
0.5 mm
0.9 mm
OT min.
5.5 mm
5.5 mm
5.5 mm
3.6 mm
3.6 mm
MD max.
0.72 mm
0.05 mm
0.47 mm
0.05 mm
0.47 mm
OP
---
63.7
±0.8 mm (ZV-Q-2, XV-Q-2) (see note 1)
75.2
±0.8 mm (ZV-Q-22.2, XV-Q21-2) (see note 2)
Model
ZV(2)-Q21-2
XV(2)-Q21-2
ZV(2)-QA2-2
XV(2)-QA2-2
ZV(2)-QA277-2
OF
2.45 to 3.43 N
5.00 N max.
5.59 N max.
6.47 N max.
5.59 N
RF min.
1.12 N
1.12 N
1.67 N
1.67 N
1.67 N
PT max.
0.5 mm
0.9 mm
4 mm
6 mm
4 mm
OT min.
3.6 mm
3.6 mm
6 mm
5.5 mm
6 mm
MD max.
0.05 mm
0.47 mm
0.4 mm
0.72 mm
0.4 mm
OP
75.2
±0.8 mm (ZV-Q22-2, XV-Q21-2) (see note 3)
---
Model
XV(2)-QA277-2
ZV(2)-N-2
XV(2)-N-2
ZV(2)-N22-2
ZV(2)-N21-2
ZV(2)-NA2-2
OF
6.47 N
7.85 N
10.20 N
4.90 N
6.28 N
RF min.
1.67 N
2.35 N
2.35 N
0.98 N
2.26 N
PT max.
6 mm
2 mm
3 mm
1 mm
5 mm
OT min.
5.5 mm
5 mm
4 mm
3.5 mm
6 mm
MD max.
0.72 mm
0.1 mm
0.47 mm
0.12 mm
0.4 mm
OP
---
71.4
±0.8 mm (ZV-N-2, XV-N-2) (see note 1)
75.2
±0.8 mm (ZV-N22-2, ZV-N21-2) (see note 2) ---
Model
XV(2)-NA2-2
ZV(2)-NA277-2
XV(2)-NA277-2
OF
7.26 N
6.28 N
7.26 N
RF min.
2.26 N
2.26 N
2.26 N
PT max.
6 mm
5 mm
6 mm
OT min.
5.5 mm
6 mm
5.5 mm
MD max.
0.72 mm
0.4 mm
0.72 mm
FP max.
---
OP
---


Similar Part No. - XE-Q21-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XE-NA277-2 OMRON-XE-NA277-2 Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
logo
Panasonic Semiconductor
XE-SERIES PANASONIC-XE-SERIES Datasheet
63Kb / 1P
   Consumer Plus MLC (Multi Level Cell) NAND High Capacity SD Card
More results

Similar Description - XE-Q21-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com