Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDC37P Datasheet(PDF) 5 Page - ITT Industries

Part # ZDC37P
Description  Cannon ZD Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZDC37P Datasheet(HTML) 5 Page - ITT Industries

  ZDC37P Datasheet HTML 1Page - ITT Industries ZDC37P Datasheet HTML 2Page - ITT Industries ZDC37P Datasheet HTML 3Page - ITT Industries ZDC37P Datasheet HTML 4Page - ITT Industries ZDC37P Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
27
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon ZD Connectors
ZD* 1AKN, 90° PCB
Receptacle 9 – 15 – 25 – 37 contacts
Designation
Shell size /
Boardlock and
Boardlock, threaded
Arrangement
screwlock 4-40 2B
insert 4-40 2B
E / 9
ZDE9S-1AKN-146
ZDEL9S-1AKN-146
A / 15
ZDA15S-1AKN-146
ZDAL15S-1AKN-146
B / 25
ZDB25S-1AKN-146
ZDBL25S-1AKN-146
C / 37
ZDC37S-1AKN-146
ZDCL37S-1AKN-146
Note: Class 2 - Add suffix A191 Example: ZDE9S-1AKN-A191-146
Shell
A ± 0,25
C ± 0,13
D ± 0,13
E ± 0,38
F
G ± 0,25
E
24.99
10,96
8,22
30,89
2,74
16,33
A
33.32
19,18
16,44
39,10
2,74
24,66
B
47.04
33,24
30,47
53,09
2,77
38,38
C
63.50
49,86
47,09
69,40
2,77
54,84
PCB hole pattern, page 35
Panel cutout, page 39
3,70 Ref.
A
G
C
D
E
2,54
POS 1.
F


Similar Part No. - ZDC37P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDC37P-1AKN-146 ITT-ZDC37P-1AKN-146 Datasheet
9Mb / 301P
   D Subminiature Connectors
ZDC37P-OL2 ITT-ZDC37P-OL2 Datasheet
9Mb / 301P
   D Subminiature Connectors
ZDC37P-OL2 ITT-ZDC37P-OL2 Datasheet
51Kb / 3P
   Straight Solder Terminiation
ZDC37P-OL2 ITT-ZDC37P-OL2 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
More results

Similar Description - ZDC37P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
List of Unclassifed Man...
ZDB25P1AKN-146 ETC2-ZDB25P1AKN-146 Datasheet
233Kb / 5P
   Stamped contacts ZD* series connectors
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com