Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZEN-10C2DT-D-V2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # ZEN-10C2DT-D-V2
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZEN-10C2DT-D-V2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  ZEN-10C2DT-D-V2 Datasheet HTML 1Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 2Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 3Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 4Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 5Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 6Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 7Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 8Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Programmable Relay
ZEN V2 Units
1
Programmable Relay
ZEN V2 Units
Please read and understand this catalog before purchasing the
products. Please consult your OMRON representative if you have any
questions or comments. Refer to “Warranty and Application
Considerations” on page 36, and “Precautions for Safe Use” on page 34.
Even Broader Applications with Increased
Functionality and Higher Precision
• Increased functionality in a compact body (70 mm wide
× 90 mm
high).
• Easy programming is available using the LCD and operation
buttons. (See note 1.)
• This single Unit easily provides relay, timer, counter, and time
switch functions.
• Expansion is easy with Expansion I/O Units, allowing up to 44
I/O points. (See note 2.)
• Economy-type and Communications-type CPU Units have been
added to series.
• Improved Weekly Timers (See note 1.)
Increased timing accuracy with a monthly deviation of ±15 s
max. Multiple-day operation and pulse output operation have
been added.
• Select from two power supply options:
100 to 240 VAC or 12 to 24 VDC.
Note: 1. Not supported for ZEN-
@C2@@-@-V2 models.
2. When using CPU Units with 20 I/O points.
The information in this document applies to V2 Units.
Refer to page 28 for details on differences with previous
products.
Features
■ Easy and Simple Programming for Automatic Small-scale Control
Saves Space, Wiring, and Installation Steps
• Versatile functionality in a compact body (70 mm wide
× 90 mm
high).
• This single Unit easily provides relay, timer, counter, and time
switch functions. Wiring work is greatly reduced because separate
wiring is not required for devices such as timers and counters.
Easy Programming
The LCD screen comes with 8 operation buttons on the front panel to
enable programming in ladder view format. The LCD screen also has
a backlight, making it easier to see when the ZEN is used in dark
locations.
Note: Not supported for ZEN-
@C2@@-@-V2 models.
90 mm
70 mm


Similar Part No. - ZEN-10C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZEN-10C2DT-D-V2 OMRON-ZEN-10C2DT-D-V2 Datasheet
1Mb / 37P
   Programmable Relay ZEN V2 Units
More results

Similar Description - ZEN-10C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com