Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC14SCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC14SCX
Description  Hex Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC14SCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC14SCX Datasheet HTML 1Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 2Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 3Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 4Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 5Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 6Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 7Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 8Page - Fairchild Semiconductor 74AC14SCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
(V)
CL 50 pF
CL 50 pF
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
Data to Output
tPHL
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance for AC
25.0
pF
VCC 5.0V
for ACT
80


Similar Part No. - 74AC14SCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC14SC ONSEMI-74AC14SC Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74AC14SC ONSEMI-74AC14SC Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Fairchild Semiconductor
74AC14SC FAIRCHILD-74AC14SC_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
More results

Similar Description - 74AC14SCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com