Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8ENCORE000ZCO Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z8ENCORE000ZCO
Description  Advanced 20MHz 64KB Flash Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8ENCORE000ZCO Datasheet(HTML) 5 Page - Zilog, Inc.

  Z8ENCORE000ZCO Datasheet HTML 1Page - Zilog, Inc. Z8ENCORE000ZCO Datasheet HTML 2Page - Zilog, Inc. Z8ENCORE000ZCO Datasheet HTML 3Page - Zilog, Inc. Z8ENCORE000ZCO Datasheet HTML 4Page - Zilog, Inc. Z8ENCORE000ZCO Datasheet HTML 5Page - Zilog, Inc. Z8ENCORE000ZCO Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PB009511-0903
Z8 Encore!®
Advanced 20MHz 64KB Flash Microcontroller
5
Part Number Suffix Designations
Z8
F
08 21
P
M 020
S
C
Environmental Flow: C = Plastic Standard
Temperature Range (°C):
S = Standard, 0 to 70
E = Extended, -40 to +105
Speed:
020 = 20 MHz
Pin Count:
M = 40
N = 44
R = 64
S = 68
T = 80
Package:
A = LQFP
F = QFP
P = PDIP
V = PLCC
Device Type
Memory Size:
64KB, 4KB RAM
Memory Type:
F = Flash
Device Family


Similar Part No. - Z8ENCORE000ZCO

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8ENCORE000ZCO ZILOG-Z8ENCORE000ZCO Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8ENCORE000ZCO ZILOG-Z8ENCORE000ZCO Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
More results

Similar Description - Z8ENCORE000ZCO

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F3201PM020SC ZILOG-Z8F3201PM020SC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
   8-bit Flash Microcontroller with 64KB Program Memory
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
ATMEL Corporation
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com