Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZV-Q-2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # ZV-Q-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZV-Q-2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button ZV-Q-2 Datasheet HTML 3Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 4Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 5Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 6Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 7Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 8Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 9Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 10Page - Omron Electronics LLC ZV-Q-2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Enclosed Switches
ZE/ZV/XE/XV
F-125
19
25.5
24
86
23
17
25.4
±0.12
2.1
±0.1
25.4
±0.3
19.3
39.7
44
±0.8
(23.1)
(40)
17.4R
39.7
19
25.5
24
86
23
17
25.4
±0.12
2.1
±0.1
25.4
±0.3
44
±0.8
19.3
19
25.5
24
86
23
25.4
±0.12
2.1
±0.1
25.4
±0.3
17
19
25.5
24
86
23
25.4
±0.12
2.1
±0.1
25.4
±0.3
17
19
25.5
24
86
23
25.4
±0.12
2.1
±0.1
25.4
±0.3
17
Roller Arm Lever
ZE-QA2-2, XE-QA2-2
Two, M4
(length: 45)
Note: 1. Stainless sintered roller
2. Adjustable between 0
° and 225°
Two, M4
(length: 45)
Two, M4
(length: 45)
(See note 2)
19.1 dia.
× 7.9 (see note 1)
JIS B0202 G1/2
Effective thread:
4 threads min.
One-way Action Roller Arm Lever
ZE-QA277-2, XE-QA277-2
18.7 dia.
× 9 (see note 1)
← Operate in this direction only
JIS B0202
G1/2
Effective
thread: 4
threads min.
17.4R
(See note 2)
Note: 1. Stainless sintered alloy roller
2. Adjustable between 0
° and 225°
Sealed Plunger
ZE-N-2, XE-N-2
Note: Stainless steel plunger
JIS B0202 G1/2
Effective thread:
4 threads min.
12R (see note)
PT
OP
Two, M4
(length: 45)
JIS B0202 G1/2
Effective thread:
4 threads min.
PT
OP
Note: Stainless steel roller
12.7 dia.
× 4.8 (see note)
Sealed Roller Plunger
ZE-N22-2
Note: Stainless steel roller
Two, M4
(length: 45)
JIS B0202 G1/2
Effective thread:
4 threads min.
PT
OP
12.7 dia.
× 4.8 (see note)
Sealed Crossroller Plunger
ZE-N21-2


Similar Part No. - ZV-Q-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZV-Q21-2S OMRON-ZV-Q21-2S Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
ZV-Q22-2S OMRON-ZV-Q22-2S Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
ZV-QA2-2S OMRON-ZV-QA2-2S Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
More results

Similar Description - ZV-Q-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com