Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC191MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74AC191MTC
Description  Up/Down Counter with Preset and Ripple Clock
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC191MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AC191MTC Datasheet HTML 2Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 9Page - Fairchild Semiconductor 74AC191MTC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
C L = 50 pF
CL = 50 pF
Units
(Note 7)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
1.0
3.0
3.0
ns
Pn to PL
5.0
0.5
2.0
2.5
tH
Hold Time, HIGH or LOW
3.3
−1.5
0.5
1.0
ns
Pn to PL
5.0
−0.5
1.0
1.0
tS
Setup Time, LOW
3.3
3.0
6.0
7.0
ns
CE to CP
5.0
1.5
4.0
4.5
tH
Hold Time, LOW
3.3
−4.0
−0.5
−0.5
ns
CE to CP
5.0
−2.5
0
0
tS
Setup Time, HIGH or LOW
3.3
4.0
8.0
9.0
ns
U/D to CP
5.0
2.5
5.5
6.5
tH
Hold Time, HIGH or LOW
3.3
−5.0
0
0
ns
U/D to CP
5.0
−3.0
0.5
0.5
tW
PL Pulse Width, LOW
3.3
2.0
3.5
4.0
ns
5.0
1.0
1.0
1.0
tW
CP Pulse Width, LOW
3.3
2.0
3.5
4.0
ns
5.0
2.0
3.0
4.0
trec
Recovery Time
3.3
−0.5
0
0
ns
PL to CP
5.0
−1.0
0
0
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
75.0
pF
VCC = 5.0V


Similar Part No. - 74AC191MTC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC10 STMICROELECTRONICS-74AC10 Datasheet
68Kb / 7P
   TRIPLE 3-INPUT NAND GATE
May 1997
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
74AC10 FAIRCHILD-74AC10 Datasheet
102Kb / 7P
   Triple 3-Input NAND Gate
logo
STMicroelectronics
74AC10 STMICROELECTRONICS-74AC10 Datasheet
182Kb / 8P
   TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
74AC109 ONSEMI-74AC109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
More results

Similar Description - 74AC191MTC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191_07 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
logo
Texas Instruments
SN74F190A TI1-SN74F190A Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com