Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT174SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT174SJ
Description  Hex D-Type Flip-Flop with Master Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT174SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT174SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACT174SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
Symbol
Parameter
VCC
(V)
(Note 7)
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
90
100
70
MHz
Frequency
5.0
100
125
100
tPLH
Propagation Delay
3.3
2.0
9.0
11.5
1.5
12.5
ns
CP to Qn
5.0
1.5
6.0
8.5
1.0
9.5
tPHL
Propagation Delay
3.3
2.0
8.5
11.0
1.5
12.0
ns
CP to Qn
5.0
1.5
6.0
8.0
1.0
9.0
tPHL
Propagation Delay
3.3
2.5
9.0
11.5
2.0
12.5
ns
MR to Qn
5.0
1.5
7.0
9.0
1.5
10.5


Similar Part No. - 74ACT174SJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT174 ONSEMI-74ACT174 Datasheet
225Kb / 9P
   Hex D Flip?묯lop with Master Reset
June, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
253Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
74ACT174B STMICROELECTRONICS-74ACT174B Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
74ACT174B STMICROELECTRONICS-74ACT174B Datasheet
253Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - 74ACT174SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
   Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
   Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174_01 Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com