Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XV-Q22-2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XV-Q22-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XV-Q22-2 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XV-Q22-2 Datasheet HTML 2Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 3Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 4Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 5Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 6Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 7Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 8Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 9Page - Omron Electronics LLC XV-Q22-2 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
F-124
Enclosed Switches
ZE/ZV/XE/XV
Nomenclature
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
3. In the drawings for the Base Mounting Type Switches (ZV), the mounting surfaces (flanges) are shown by lines of alternate long and two
short dashes.
Side Mounting
Pin plunger
Separator
Built-in switch
Terminal
Seal rubber (NBR)
Cover
Conduit
opening
Case
Tightening band
Rubber cap (CR)
19
25.5
24
86
23
17
25.4
±0.12
2.1
±0.1
25.4
±0.3
25.4
±0.3
19
25.5
24
86
23
17
25.4
±0.12
2.1
±0.1
25.4
±0.3
19
25.5
24
86
23
17
25.4
±0.12
2.1
±0.1
Plunger
ZE-Q-2, XE-Q-2
12R
(see note)
JIS B0202 G1/2
Effective thread: 4 threads min.
PT
OP
Two, M4
(length: 45)
Note: Stainless steel plunger
Two, M4
(length: 45)
PT
OP
12.7 dia.
× 4.8 (see note)
JIS B0202 G1/2
Effective thread:
4 threads min.
Note: Stainless steel roller
Crossroller Plunger
ZE-Q21-2, XE-Q21-2
Two, M4
(length: 45)
PT
OP
12.7 dia.
× 4.8 (see note)
JIS B0202 G1/2
Effective thread:
4 threads min.
Roller Plunger
ZE-Q22-2, XE-Q22-2
Note: Stainless steel roller


Similar Part No. - XV-Q22-2

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
XV-3500CB EPSONTOYOCOM-XV-3500CB Datasheet
473Kb / 2P
   SENSOR ULTRA MINIATURE SIZE VIBRATION GYRO SENSOR
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
   GYRO SENSOR
logo
Epson ToYoCom
XV-3510CB EPSONTOYOCOM-XV-3510CB Datasheet
471Kb / 2P
   Sensing Device
XV-8000CB EPSONTOYOCOM-XV-8000CB Datasheet
331Kb / 2P
   SENSOR ULTRA MINIATURE SIZE GYRO SENSOR
logo
Epson Company
XV-8000CB EPSON-XV-8000CB Datasheet
382Kb / 2P
   GYRO SENSOR FOR AUTOMOTIVE
More results

Similar Description - XV-Q22-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com