Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XV-NA277-2 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XV-NA277-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XV-NA277-2 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XV-NA277-2 Datasheet HTML 4Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 5Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 6Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 7Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 8Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 9Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 10Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 11Page - Omron Electronics LLC XV-NA277-2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
F-128
Enclosed Switches
ZE/ZV/XE/XV
25.4
±0.3
26.1
23
75
±0.2
5.5
5
17
3
86
PT
41.3
±0.2 54
10.6
±0.3
36.6
41.3
±0.2 54
10.6
±0.3
36.6
25.4
±0.3
26.1
23
5.5
5
17
3
31
±0.2
75
±0.2
86
31
±0.2
53R
One-way Action Roller Arm Lever
ZV(2)-QA277-2, XV(2)-QA277-2
Two, 4.3
±0.2 dia. holes
t = 3 (ZV-QA277-2/XV-QA277-2 flanges)
18.7 dia.
× 9 (see note 1)
Note: 1. Stainless steel roller
2. Adjustment between 0
° to 225°.
3. Only the ZV2-QA277-2 and
XV2-QA277-2 incorporate mounting
holes.
(See note 2)
−0
Two, 5.4
+0.2dia. holes (see note 3)
JIS B0202
G1/2
Effective
thread: 4
threads min.
Operates in this direction only
PT
Two, 4.3
±0.2 dia. holes
OP (see note 3)
OP (see note 4)
−0
Two, 5.4
+0.2dia. holes (see note 2)
JIS B0202
G1/2
Effective
thread: 4
threads min.
12CR (see note 1)
53R
Note: 1. Stainless steel plunger
2. Only the ZV2-N-2 and XV2-N-2
incorporate mounting holes.
3. OP for ZV2-N-2 and XV2-N-2 is
31.9
±0.8 mm.
Two, 4.3
±0.2 dia. holes
53R
12.7 dia.
× 4.8 (see note 1)
JIS B0202
G1/2
Effective
thread: 4
threads min.
PT
OP (see note 3)
OP (see note 4)
−0
Two, 5.4
+0.2dia. holes (see note 2)
Note: 1. Stainless steel roller
2. Only the ZV2-N22-2 incorpo incorpo-
rate mounting holes.
3. OP for ZV2-N22-2 is 35.7
±0.8 mm.
Sealed Roller Plunger
ZV(2)-N22-2
Sealed Plunger
ZV(2)-N-2, XV(2)-N-2
t = 3 (ZV-N-2/XV-N-2 flange)
t = 3 (ZV-N22-2 flange)


Similar Part No. - XV-NA277-2

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
XV-3500CB EPSONTOYOCOM-XV-3500CB Datasheet
473Kb / 2P
   SENSOR ULTRA MINIATURE SIZE VIBRATION GYRO SENSOR
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
   GYRO SENSOR
logo
Epson ToYoCom
XV-3510CB EPSONTOYOCOM-XV-3510CB Datasheet
471Kb / 2P
   Sensing Device
XV-8000CB EPSONTOYOCOM-XV-8000CB Datasheet
331Kb / 2P
   SENSOR ULTRA MINIATURE SIZE GYRO SENSOR
logo
Epson Company
XV-8000CB EPSON-XV-8000CB Datasheet
382Kb / 2P
   GYRO SENSOR FOR AUTOMOTIVE
More results

Similar Description - XV-NA277-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com