Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC241PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC241PC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC241PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC241PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC241PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
6.5
9.0
1.5
10.0
ns
Data to Output
tPHL
Propagation Delay
5.0
1.5
7.0
9.0
1.5
10.0
ns
Data to Output
tPZH
Output Enable Time
5.0
1.5
6.0
9.0
1.0
10.0
ns
tPZL
Output Enable Time
5.0
1.5
7.0
10.0
1.5
11.0
ns
tPHZ
Output Disable Time
5.0
1.5
8.0
10.5
1.5
11.5
ns
tPLZ
Output Disable Time
5.0
2.0
7.0
10.5
1.5
11.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
45.0
pF
VCC 5.0V


Similar Part No. - 74AC241PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC241 FAIRCHILD-74AC241 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241MTC FAIRCHILD-74AC241MTC Datasheet
203Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241SC FAIRCHILD-74AC241SC Datasheet
203Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241SJ FAIRCHILD-74AC241SJ Datasheet
203Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241 FAIRCHILD-74AC241_07 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74AC241PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com