Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZJY Datasheet(PDF) 2 Page - TDK Electronics

Part # ZJY
Description  Common Moder Filters For General Sinal Line / Power Line
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZJY Datasheet(HTML) 2 Page - TDK Electronics

  ZJY Datasheet HTML 1Page - TDK Electronics ZJY Datasheet HTML 2Page - TDK Electronics ZJY Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(1/2)
001-03 / 20110928 / e9722_zjy.fm
• All specifications are subject to change without notice.
Common Mode Filters
For General Signal Line / Power Line
ZJY Series ZJY51R5
FEATURES
• A common mode filter for distortion-free removal of noise from
transmitted signals. Best common mode filter for transmission of
high quality signals.
• Best filter for countering the common mode noise resulting from
data signal processing by PCs, phone equipment, etc.
• Highly appropriate for IC board mounting due to DIP type struc-
ture.
• Due to a maximum current tolerance of 2A, can also be used to
counter power line noise.
APPLICATIONS
Personal computers, telephones, LANs, ISDNs, digital PBXs, elec-
tronic games, CTVs, CD-ROM drives, 8mm video equipment, and
other electronic devices
PACKAGING STYLE AND QUANTITIES(Tube style)
RECOMMENDED SOLDERING CONDITION
RECOMMENDED FLOW TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
SHAPES AND DIMENSIONS
TRANSFER MOLD
PLASTIC CASE
ZJY51R5-2P-01, -2PB-01, -2PL-01
ZJY51R5-4P-01, -M4PA-01
ZJY51R5-8PA-01
Dimensions in mm
The "-01" designation at the end of the product code indicates Lead-free compatible product.
CIRCUIT DIAGRAMS
ZJY51R5-2P-01, -2PB-01, -2PL-01
ZJY51R5-4P-01, -M4PA-01
ZJY51R5-8PA-01
Conformity to RoHS Directive
Part No.
Quantity
ZJY51R5-2P-01
80 pieces
ZJY51R5-2PB-01
80 pieces
ZJY51R5-2PL-01
80 pieces
ZJY51R5-4P-01
40 pieces
ZJY51R5-M4PA-01
40 pieces
ZJY51R5-8PA-01
20 pieces
100 to 150˚C
Peak
260˚C max.
60 to 120s
Natural
cooling
Time(s)
10s max.
Part No.
A max.
B max.
C max.
D max.
E
F±0.25
G
H
I
ZJY51R5-2P-01, -2PB-01, -2PL-01
5.5
6.86
4.57
5.84
0.5
2.54
7.62
0.25
2.54
ZJY51R5-4P-01, -M4PA-01
10.5
6.86
4.57
5.84
0.5
2.54
7.62
0.25
2.54
ZJY51R5-8PA-01
23.5
7
4.6
6.3
0.5
2.54
7.62
0.25
2.54
1
8
4
5
A
E
F
B
G
H
0 to 15˚
Weight: 0.8g
1
16
8
9
A
E
F
B
G
H
0 to 15˚
Weight: 1.6g
12
43
A
B
G
E
F
H
0 to 15˚
Weight: 0.4g
4 3
2
1
L1 L2
8 76
2
1
4
3
L1 L2 L3
5
L4
16 15 14
2
1
4
3
L1 L2 L3
13
L4
12 11 10
6
5
8
7
L5 L6 L7
9
L8
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ZJY

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS TDK-ZJYS Datasheet
95Kb / 5P
   Common Mode Filters For General Signal Line
ZJYS51 TDK-ZJYS51 Datasheet
95Kb / 5P
   Common Mode Filters For General Signal Line
ZJYS5103-2PL TDK-ZJYS5103-2PL Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS5105-2PL TDK-ZJYS5105-2PL Datasheet
87Kb / 4P
   Common Mode Choke Coils for Signal Line SMD
ZJYS5105-2PL TDK-ZJYS5105-2PL Datasheet
87Kb / 4P
   EMC Components Common Mode Choke Coils for Signal Line SMD
More results

Similar Description - ZJY

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ZJYS51R5-2PLT-01 TDK-ZJYS51R5-2PLT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS TDK-ZJYS Datasheet
95Kb / 5P
   Common Mode Filters For General Signal Line
ZJYS51R5-4PT-01 TDK-ZJYS51R5-4PT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com