Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC-W255 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # ZC-W255
Description  Small, High-precision ENclosed Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZC-W255 Datasheet(HTML) 1 Page - Omron Electronics LLC

  ZC-W255 Datasheet HTML 1Page - Omron Electronics LLC ZC-W255 Datasheet HTML 2Page - Omron Electronics LLC ZC-W255 Datasheet HTML 3Page - Omron Electronics LLC ZC-W255 Datasheet HTML 4Page - Omron Electronics LLC ZC-W255 Datasheet HTML 5Page - Omron Electronics LLC ZC-W255 Datasheet HTML 6Page - Omron Electronics LLC ZC-W255 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Enclosed Switch
ZC-
j55
Small, High-precision Enclosed Switch
Employs a modified version of Z Basic Switch as
built-in switch.
Same mounting pitch as Z Basic Switch.
A number of switch units may be ganged for
application.
Pre-wired molded terminal models are available.
Requires less operating force than conventional
limit switches.
Long life expectancy and economical.
Ordering Information
Actuator
Model
Actuator
Model
Plunger
ZC-D55
Short hinge
lever
ZC-W55
Panel mount
plunger
ZC-Q55
Hinge lever
ZC-W155
Panel mount
roller plunger
ZC-Q2255
Short hinge
roller lever
ZC-W255
Panel mount
crossroller plunger
ZC-Q2155
Hinge roller
lever
ZC-W2155
Sealed roller
plunger
ZC-N2255
One-way action
short hinge roller
lever
ZC-W355
Sealed crossroller
plunger
ZC-N2155
One-way action
hinge roller lever
ZC-W3155
Specifications
Ratings
Rated voltage
Non-inductive load
Inductive load
Inrush current
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
10 A
3 A
1.5 A
10 A
5 A
2.5 A
30 A
15 A
250 VAC
10 A
2.5 A
1.25 A
10 A
3 A
1.5 A
max.
max.
8 VDC
10 A
3 A
1.5 A
6 A
5 A
2.5 A
14 VDC
10 A
3 A
1.5 A
6 A
5 A
2.5 A
30 VDC
6 A
3 A
1.5 A
5 A
5 A
2.5 A
125 VDC
0.5 A
0.4 A
0.05 A
0.05 A
250 VDC
0.25 A
0.2 A
0.03 A
0.03 A


Similar Part No. - ZC-W255

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-W255 OMRON-ZC-W255 Datasheet
500Kb / 8P
   Small, High-precision ENclosed Switch
More results

Similar Description - ZC-W255

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-D55 OMRON-ZC-D55_06 Datasheet
500Kb / 8P
   Small, High-precision ENclosed Switch
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
GLAD01A1B HONEYWELL-GLAD01A1B Datasheet
1Mb / 8P
   SWITCH, ENCLOSED
logo
Honeywell Accelerometer...
LSD5A HONEYWELL-ACC-LSD5A Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com