Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT244SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT244SC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT244SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT244SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT244SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
Symbol
Parameter
VCC
TA 25qCTA 55qCto 125qCTA 40qCto 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
5.4
IOH 12
4.5
3.86
3.70
3.76
V
IOH 24 mA
5.5
4.86
4.70
4.76
IOH 24 mA (Note 6)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
0.1
IOL 12 mA
4.5
0.36
0.50
0.44
V
IOL 24 mA
5.5
0.36
0.50
0.44
IOL 24 mA (Note 6)
IIN
Maximum Input
5.5
r0.1
r1.0
r1.0
PAVI VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
r0.25
r5.0
r2.5
PAVI VIL, VIH
Current
VO VCC, GND
ICCT
Maximum
5.5
0.6
1.6
1.5
mA
VI VCC  2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
50
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 7)
5.5
50
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
80.0
40.0
PAVIN VCC
Supply Current
or GND


Similar Part No. - 74ACT244SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT244SC ONSEMI-74ACT244SC Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74ACT244SC ONSEMI-74ACT244SC Datasheet
339Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
74ACT244SCX ONSEMI-74ACT244SCX Datasheet
339Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results

Similar Description - 74ACT244SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com