Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZJYS51R5-M4PA(T)-01 Datasheet(PDF) 4 Page - TDK Electronics

Part # ZJYS51R5-M4PA(T)-01
Description  Common Mode Filters For General Signal Line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZJYS51R5-M4PA(T)-01 Datasheet(HTML) 4 Page - TDK Electronics

  ZJYS51R5-M4PA(T)-01 Datasheet HTML 1Page - TDK Electronics ZJYS51R5-M4PA(T)-01 Datasheet HTML 2Page - TDK Electronics ZJYS51R5-M4PA(T)-01 Datasheet HTML 3Page - TDK Electronics ZJYS51R5-M4PA(T)-01 Datasheet HTML 4Page - TDK Electronics ZJYS51R5-M4PA(T)-01 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• All specifications are subject to change without notice.
(3/4)
001-03 / 20110926 / e971_zjys
ELECTRICAL CHARACTERISTICS
∗1 The improvement type on low area characteristics.
∗2 Separate winding type (for communications).
• The “T” designation at the end of the product code indicates tape mounting.
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS (for 1 element)
ZJYS51R5-2P-01, 4P(T)-01
ZJYS51R5-2PB-01
ZJYS51R5-2PL-01
ZJYS51R5-M4PA-01
MEASURING CIRCUIT
Part No.
ZJYS51R5-2P(T)-01,
4P(T)-01
ZJYS51R5-2PB(T)-01∗1
ZJYS51R5-2PL(T)-01∗2
ZJYS51R5-M4PA(T)-01
Rated voltage Edc(V)
50
50
50
50
Rated current (A)
2220.5
Test voltage Edc(V)
[Between terminals for 5s]
125
125
250
125
Insulation resistance (M
Ω )
[Between terminals at DC.50V for 1min]
100 min.
100 min.
100 min.
100 min.
DC resistance (
Ω ) [Each line]
0.12 max.
0.12 max.
0.10 max.
0.25 max.
Operating temperature range (°C)
–25 to +85
–25 to +85
–25 to +85
–25 to +85
Impedance (
Ω ) [+5 to +35°C]
200 min.[20 to 300MHz]
300 min.[6 to 20MHz]
100 min.[20 to 100MHz]
200 min.[20 to 300MHz]
10
1
100
1000
10000
110
30
3
100
300
1000
Frequency(MHz)
Common mode
Differential mode
10
1
100
1000
10000
110
30
3
100
300
1000
Frequency(MHz)
Common mode
Differential mode
10
1
100
1000
10000
110
30
3
100
300
1000
Frequency(MHz)
Common mode
Differential mode
10
1
100
1000
10000
110
30
3
100
300
1000
Frequency(MHz)
Common mode
Differential
mode
Vector
impedance
meter
Vector impedance meter(YHP 4191A equivalent)
Measuring at each Common mode choke coil


Similar Part No. - ZJYS51R5-M4PA(T)-01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS51R5-M4PA(T)-01 TDK-ZJYS51R5-M4PA(T)-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
More results

Similar Description - ZJYS51R5-M4PA(T)-01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
ZJYS51R5-2PLT-01 TDK-ZJYS51R5-2PLT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4PT-01 TDK-ZJYS51R5-4PT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com