Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLLS410TC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZLLS410TC
Description  10V Low leakage Schottky diode in SOD323
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS410TC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZLLS410TC Datasheet HTML 1Page - Diodes Incorporated ZLLS410TC Datasheet HTML 2Page - Diodes Incorporated ZLLS410TC Datasheet HTML 3Page - Diodes Incorporated ZLLS410TC Datasheet HTML 4Page - Diodes Incorporated ZLLS410TC Datasheet HTML 5Page - Diodes Incorporated ZLLS410TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZLLS410
Document number: DS32080 Rev. 3 - 2
5 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZLLS410
Package Outline Dimensions
Suggested Pad Layout
SOD323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
3.75
G
1.05
X
0.65
Y
1.35
C
2.40
K
L
M
J
C
H
B
A
Z
X
C
G
Y


Similar Part No. - ZLLS410TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLLS410TC DIODES-ZLLS410TC Datasheet
571Kb / 6P
   10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
More results

Similar Description - ZLLS410TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS410 ZETEX-ZLLS410 Datasheet
395Kb / 8P
   10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410 DIODES-ZLLS410 Datasheet
571Kb / 6P
   10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
logo
Microsemi Corporation
1N6823 MICROSEMI-1N6823 Datasheet
80Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6822 MICROSEMI-1N6822 Datasheet
72Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC25W45K MICROSEMI-MSASC25W45K Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
logo
Microsemi Corporation
1N6819 MICROSEMI-1N6819 Datasheet
88Kb / 2P
   LOW LEAKAGE CURRENT SCHOTTKY DIODE
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com