Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404695 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404695
Description  Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404695 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404695 Datasheet HTML 1Page - PHOENIX CONTACT 1404695 Datasheet HTML 2Page - PHOENIX CONTACT 1404695 Datasheet HTML 3Page - PHOENIX CONTACT 1404695 Datasheet HTML 4Page - PHOENIX CONTACT 1404695 Datasheet HTML 5Page - PHOENIX CONTACT 1404695 Datasheet HTML 6Page - PHOENIX CONTACT 1404695 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1404695
17.01.2013   Page 1 / 7
Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/Actuator cable, 3-position, PVC, Black RAL 9005, Plug angled M8, on Free cable end, Cable
length: 2 m
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85444290
Country of origin
POLAND
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
60 V
Number of positions
3
Volume resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Length of cable
2 m
Ambient temperature (operation)
-25 °C ... 90 °C (Male connector / female connector)
General characteristics
Standards/regulations
M8 plug-in connector IEC 61076-2-104
Coding
A - standard
Degree of protection
IP65/67
Torque
0.2 Nm (M8 plug-in connectors)
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, nickel-plated
Status display
No


Similar Part No. - 1404695

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
1404693 PHOENIX-1404693 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 5,0-PVC B-L - 1404693
1404696 PHOENIX-1404696 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 5,0-PVC B-L - 1404696
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404699 PHOENIX-1404699 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
More results

Similar Description - 1404695

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404712 PHOENIX-1404712 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 2,0-PVC B-L - 1404712
1404794 PHOENIX-1404794 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/B B-L
1404696 PHOENIX-1404696 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 5,0-PVC B-L - 1404696
1404787 PHOENIX-1404787 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/A B-L
1404804 PHOENIX-1404804 Datasheet
112Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/CI B-L
1404801 PHOENIX-1404801 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/C B-L
1404797 PHOENIX-1404797 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/BI B-L
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
1404701 PHOENIX-1404701 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FR B-L - 1404701
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com