Electronic Components Datasheet Search |
|
74AC299 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
74AC299 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 11 page www.fairchildsemi.com 2 Logic Symbols IEEE/IEC Truth Table H HIGH Voltage Level L LOW Voltage Level X Immaterial LOW-to-HIGH Transition Functional Description The AC/ACT299 contains eight edge-triggered D-type flip- flops and the interstage logic necessary to perform syn- chronous shift left, shift right, parallel load and hold opera- tions. The type of operation is determined by S0 and S1, as shown in the Truth Table. All flip-flop outputs are brought out through 3-STATE buffers to separate I/O pins that also serve as data inputs in the parallel load mode. Q0 and Q7 are also brought out on other pins for expansion in serial shifting of longer words. A LOW signal on MR overrides the Select and CP inputs and resets the flip-flops. All other state changes are initi- ated by the rising edge of the clock. Inputs can change when the clock is in either state provided only that the rec- ommended setup and hold times, relative to the rising edge of CP, are observed. A HIGH signal on either OE1 or OE2 disables the 3-STATE buffers and puts the I/O pins in the high impedance state. In this condition the shift, hold, load and reset operations can still occur. The 3-STATE buffers are also disabled by HIGH signals on both S0 and S1 in preparation for a paral- lel load operation. Inputs Response MR S1 S0 CP L X X X Asynchronous Reset; Q0–Q7 LOW HH H Parallel Load; I/On o Qn HL H Shift Right; DS0 o Q0, Q0 o Q1, etc. HH L Shift Left, DS7 o Q7, Q7 o Q6, etc. H L L X Hold |
Similar Part No. - 74AC299 |
|
Similar Description - 74AC299 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |