Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404706 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404706
Description  Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404706 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404706 Datasheet HTML 1Page - PHOENIX CONTACT 1404706 Datasheet HTML 2Page - PHOENIX CONTACT 1404706 Datasheet HTML 3Page - PHOENIX CONTACT 1404706 Datasheet HTML 4Page - PHOENIX CONTACT 1404706 Datasheet HTML 5Page - PHOENIX CONTACT 1404706 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404706
17.01.2013   Page 1 / 6
Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-
L - 1404706
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/Actuator cable, 3-position, PVC, Black RAL 9005, Plug straight M8, on Socket straight M8,
Cable length: 1 m
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85444290
Country of origin
POLAND
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
60 V
Number of positions
3
Volume resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Length of cable
1 m
Ambient temperature (operation)
-25 °C ... 90 °C (Male connector / female connector)
General characteristics
Standards/regulations
M8 plug-in connector IEC 61076-2-104
Coding
A - standard
Degree of protection
IP65/67
Torque
0.2 Nm (M8 plug-in connectors)
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing


Similar Part No. - 1404706

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404701 PHOENIX-1404701 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FR B-L - 1404701
1404703 PHOENIX-1404703 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FR B-L - 1404703
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1404709 PHOENIX-1404709 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 2,0-PVC B-L - 1404709
More results

Similar Description - 1404706

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
   Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
1404699 PHOENIX-1404699 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404693 PHOENIX-1404693 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 5,0-PVC B-L - 1404693
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1417700 PHOENIX-1417700 Datasheet
98Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8SIFS
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
   Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1683552 PHOENIX-1683552 Datasheet
101Kb / 5P
   Sensor/actuator cable - SAC-3P-M12MS/1,0-PUR/M 8FS
12/07/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com