Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT244MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACT244MTC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT244MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACT244MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT244MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
¥ circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
'V/'t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA 25qCTA 55qCto 125qCTA 40qCto 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
2.1
VOUT 0.1V
Input Voltage
4.5
2.25
3.15
3.15
3.15
V
or VCC  0.1V
5.5
2.75
3.85
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
0.9
VOUT 0.1V
Input Voltage
4.5
2.25
1.35
1.35
1.35
V
or VCC  0.1V
5.5
2.75
1.65
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
4.4
V
IOUT 50 PA
5.5
5.49
5.4
5.4
5.4
3.0
2.56
2.4
2.46
IOH 12 mA
4.5
3.86
3.7
3.76
V
IOH 24 mA
5.5
4.86
4.7
4.76
IOH 24 mA (Note 3)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
0.1
V
IOUT 50 PA
5.5
0.001
0.1
0.1
0.1
3.0
0.36
0.50
0.44
IOL 12 mA
4.5
0.36
0.50
0.44
V
IOL 24 mA
5.5
0.36
0.50
0.44
IOL 24 mA (Note 3)
IIN
Maximum Input
5.5
r0.1
r1.0
r1.0
PAVI VCC, GND
(Note 5)
Leakage Current
IOZ
Maximum
VI (OE) VIL, VIH
3-STATE
5.5
r0.25
r5.0
r2.5
PAVI VCC, VGND
Current
VO VCC, GND
IOLD
Minimum Dynamic
5.5
50
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 4)
5.5
50
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
80.0
40.0
PAVIN VCC
(Note 5)
Supply Current
or GND


Similar Part No. - 74ACT244MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT244MTC ONSEMI-74ACT244MTC Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74ACT244MTC ONSEMI-74ACT244MTC Datasheet
339Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
74ACT244MTCX ONSEMI-74ACT244MTCX Datasheet
339Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results

Similar Description - 74ACT244MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com