Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1G250HH3752 Datasheet(PDF) 5 Page - ebm-papst

Part # W1G250HH3752
Description  EC axial compact fan
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W1G250HH3752 Datasheet(HTML) 5 Page - ebm-papst

  W1G250HH3752 Datasheet HTML 1Page - ebm-papst W1G250HH3752 Datasheet HTML 2Page - ebm-papst W1G250HH3752 Datasheet HTML 3Page - ebm-papst W1G250HH3752 Datasheet HTML 4Page - ebm-papst W1G250HH3752 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EC axial compact fan
sickled blades (S series)
W1G250-HH37-52
Charts: Air flow
Druck p sf[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
2.400
2.200
2.000
1.800
1.600
1.400
1.200
1.000
800
600
400
200
0
qv[cfm]
1.400
1.200
1.000
800
600
400
200
0
270
260
250
240
230
220
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1,05
1
0,95
0,9
0,85
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
0
1
2
3
4
5
6
7
8
9
10
11
12
Measurement: LU-54187
Measurement: LU-54186
Measurement: LU-54185
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
5
6
7
8
9
10
11
12
U
V
28
28
28
28
24
24
24
24
16
16
16
16
n
min-1
2905
2785
2660
2580
2750
2615
2510
2420
2180
2120
2050
1995
Pe
W
125
128
131
134
105
106
108
110
53
56
59
61
I
A
5.31
5.51
5.76
5.93
5.00
5.11
5.29
5.47
3.74
3.91
4.12
4.29
qv
m3/h
2045
1840
1575
1100
1920
1725
1475
1035
1520
1370
1195
845
psf
Pa
0
46
91
136
0
40
80
120
0
25
52
80
Item no.: 50339-5-9980 · Revision: 70943 · Print-out: 2012-02-16 · Y. Uhlmann (VM-TDO) · Page 5 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 7938 81-0 · Fax +49 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - W1G250HH3752

ManufacturerPart #DatasheetDescription
logo
ebm-papst
W1G250HH6752 EBMPAPST-W1G250HH6752 Datasheet
231Kb / 5P
   EC axial compact fan
More results

Similar Description - W1G250HH3752

ManufacturerPart #DatasheetDescription
logo
ebm-papst
ACI4420HH EBMPAPST-ACI4420HH Datasheet
3Mb / 4P
   EC axial compact fan
W1G250HH6752 EBMPAPST-W1G250HH6752 Datasheet
231Kb / 5P
   EC axial compact fan
W1G200HH7752 EBMPAPST-W1G200HH7752 Datasheet
228Kb / 5P
   EC axial compact fan
W1G200HH0152 EBMPAPST-W1G200HH0152 Datasheet
226Kb / 5P
   EC axial compact fan
ACI4420ML EBMPAPST-ACI4420ML Datasheet
3Mb / 4P
   EC axial fan
ACI4420ML EBMPAPST-ACI4420ML_16 Datasheet
579Kb / 4P
   EC axial fan
ACI4420H EBMPAPST-ACI4420H_16 Datasheet
7Mb / 4P
   EC axial fan
ACI4410HH EBMPAPST-ACI4410HH Datasheet
3Mb / 4P
   EC axial fan
ACI4420H EBMPAPST-ACI4420H Datasheet
3Mb / 4P
   EC axial fan
AC6100NM EBMPAPST-AC6100NM Datasheet
197Kb / 1P
   Compact Axial Fan
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com