Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT251 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ACT251
Description  8-Input Multiplexer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT251 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACT251 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT251 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Functional Description
This device is a logical implementation of a single-pole, 8-
position switch with the switch position controlled by the
state of three Select inputs, S0, S1, S2. Both true and com-
plementary outputs are provided. The Output Enable input
(OE) is active LOW. When it is activated, the logic function
provided at the output is:
Z
= OE •
(I0 • S0 • S1 • S2 + I1• S0 • S1 • S2 +
I2 • S0 • S1 • S2 + I3 • S0 • S1 • S2 +
I4 • S0 • S1 • S2 + I5 • S0 • S1 • S2 +
I6 • S0 • S1 • S2 + I7 • S0 • S1 • S2)
When the Output Enable is HIGH, both outputs are in the
high impedance (High Z) state. This feature allows multi-
plexer expansion by tying the outputs of up to 128 devices
together. When the outputs of the 3-STATE devices are
tied together, all but one device must be in the high imped-
ance state to avoid high currents that would exceed the
maximum ratings. The Output Enable signals should be
designed to ensure there is no overlap in the active-LOW
portion of the enable voltages.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Outputs
OE
S2
S1
S0
Z
Z
H
X
X
X
Z
Z
L
L
L
L
I0
I0
L
L
L
H
I1
I1
L
L
H
L
I2
I2
L
L
H
H
I3
I3
L
H
L
L
I4
I4
L
H
L
H
I5
I5
L
H
H
L
I6
I6
L
H
H
H
I7
I7


Similar Part No. - 74ACT251

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT251 FAIRCHILD-74ACT251 Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74ACT251MTC FAIRCHILD-74ACT251MTC Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74ACT251PC FAIRCHILD-74ACT251PC Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74ACT251SC FAIRCHILD-74ACT251SC Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
More results

Similar Description - 74ACT251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com