Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLDA04A1AR Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ZLDA04A1AR
Description  Global Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZLDA04A1AR Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ZLDA04A1AR Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZLDA04A1AR Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZLDA04A1AR Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZLDA04A1AR Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZLDA04A1AR Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZLDA04A1AR Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Contact Block Type
01
07
06
04
03
30
31
34
35
32
33
R
01
A1B
A
ZLA
Contact block type
(see below)
Selection Guide
Pull Reset
Enclosure Type
ZLA
EN50041(Metal)
ZLB
EN50041(Plastic)
ZLC
EN50047(Metal)
ZLD
EN50047(Plastic)
ZLE
3-cable entry (Metal)
ZLF
2-cable entry (Plastic)
M20
C
1/2 NPT
A
conduit
sizes
Acutator Style
(see next page)
1NO/1NC
Snap Action
1NO/1NC
Break Before Make
1NO/1NC
Make Before Break
2NC
Slow Action
2NO
Slow Action
3NC
Slow Action
3NO
Slow Action
2NC/1NO
Break Before Make
2NC/1NO
Make Before Break
2NC/1NO
Break Before Make
1NC/2NO
Make Before Break
ZLS Series Global Limit Switches


Similar Part No. - ZLDA04A1AR

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
ZLD LEACH-ZLD Datasheet
1Mb / 11P
   CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117 DIODES-ZLDO1117 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
ZLDO1117G12TA DIODES-ZLDO1117G12TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117G15TA DIODES-ZLDO1117G15TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results

Similar Description - ZLDA04A1AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Honeywell Solid State E...
WGLA1A01AA1A HONEYWELL-WGLA1A01AA1A Datasheet
453Kb / 10P
   Wireless Global Limit Switch (EN 50041)
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com