Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT1284SC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACT1284SC
Description  IEEE 1284 Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT1284SC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT1284SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT1284SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT1284SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT1284SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT1284SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT1284SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT1284SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
tSLEW measures between 10% to 90% on the tPHL Transition
FIGURE 1. A to B Direction Test Load and Waveforms
tSLEW measures between 10% to 90% on the tPLH Transition
FIGURE 2. B Output Test Load and Waveforms
FIGURE 3. B to A Direction Test Load and Waveforms for Outputs A1 - A4
FIGURE 4. A to B Direction Test Load and Waveforms for Open Drain B1 - B7


Similar Part No. - 74ACT1284SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284SC FAIRCHILD-74ACT1284SC Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
More results

Similar Description - 74ACT1284SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
logo
List of Unclassifed Man...
GL640 ETC-GL640 Datasheet
1Mb / 39P
   IEEE-1284 to USB Bridge
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
   IEEE 1284 SPECIAL PRINTER CABLE
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
   IEEE 1284-Compatible Parallel Interface
logo
Assmann Electronics Inc...
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
   IEEE 1284 Bi-Directional Extension Cable
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com