Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ573MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACTQ573MTC
Description  Quiet Series Octal Latch with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ573MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ573MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ573MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACQ
Note 13: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements for ACQ
Note 15: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
AC Electrical Characteristics for ACTQ
Note 16: Voltage Range 5.0 is 5.0V
± 0.5V
Note 17: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 13)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
2.5
8.5
10.5
2.5
11.0
ns
tPLH
Dn to On
5.0
1.5
5.5
7.0
1.5
7.5
tPLH
Propagation Delay
3.3
2.5
8.5
12.0
2.5
12.5
ns
tPHL
LE to On
5.0
2.0
6.0
8.0
2.0
8.5
tPZL
Output Enable Time
3.3
2.5
8.5
13.0
2.5
13.5
ns
tPZH
5.0
1.5
6.0
8.5
1.5
9.0
tPHZ
Output Disable Time
3.3
1.0
9.0
14.5
1.0
15.0
ns
tPLZ
5.0
1.0
6.0
9.5
1.0
10.0
tOSHL
Output to Output Skew (Note 14)
3.3
1.0
1.5
1.5
ns
tOSLH
Dn to On
5.0
0.5
1.0
1.0
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 15)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
0
3.0
3.0
ns
Dn to LE
5.0
0
3.0
3.0
tH
Hold Time, HIGH or LOW
3.3
0
1.5
1.5
ns
Dn to LE
5.0
0
1.5
1.5
tW
LE Pulse Width, HIGH
3.3
2.0
4.0
4.0
ns
5.0
2.0
4.0
4.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 16)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.02.0
6.57.5
2.08.0
ns
tPLH
Dnto On
tPLH
Propagation Delay
5.02.5
7.08.5
2.59.0
ns
tPHL
LE to On
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL
Output to Output Skew (Note 17)
5.0
0.5
1.0
1.0
ns
tOSLH
Dn to On


Similar Part No. - 74ACTQ573MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ573MTC FAIRCHILD-74ACTQ573MTC Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ573MTCX FAIRCHILD-74ACTQ573MTCX Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACTQ573MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com