Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV5128DALL-55BLI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS62WV5128DALL-55BLI
Description  512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV5128DALL-55BLI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS62WV5128DALL-55BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62WV5128DALL-55BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev.  A
02/09/2012
IS62WV5128DALL/DBLL, IS65WV5128DALL/DBLL 
POWER SUPPLY CHARACTERISTICS(1)(OverOperatingRange)
-35 
-45 
-55 
  Symbol  Parameter 
Test Conditions 
Min.  Max. 
Min.  Max. 
Min.  Max. 
Unit
ICC
VddDynamicOperating
Vdd = Max.,
Com.
20
15
15
mA
SupplyCurrent
IOut = 0 mA,f=fmAx
Ind.
25
20
20
CE
=VIL
Auto.
30
25
25
VIn ≥ Vdd – 0.3V, or
typ.(2) 10
VIn ≤ 0.4V
ICC1
Operating
Vdd = Max.,
Com.
3
3
3
mA
SupplyCurrent
IOut = 0 mA,f=0
Ind.
3
3
3
CE
=VIL
Auto.
3
3
3
VIn ≥ Vdd – 0.3V, or
VIn ≤ 0.4V
ISB2
CMOSStandby
Vdd = Max.,
Com.
5
5
5
µA
Current(CMOSInputs)
CE
≥Vdd – 0.2V,
Ind.
10
10
10
VIn ≥ Vdd – 0.2V, or
Auto.
30
30
30
VIn ≤ 0.2V, f=0
typ.(2) 2
Note:
1.Atf=fmAx,addressanddatainputsarecyclingatthemaximumfrequency,f=0meansnoinputlineschange.
2.TypicalvaluesaremeasuredatVdd=3.0V,TA=25oCandnot100%tested.
OPERATING RANGE (VDD)
  Range 
Ambient Temperature
VDD (45 nS)
VDD (35 nS)
  Commercial
0°Cto+70°C
2.3V-3.6V
3.3V+5%
Industrial
–40°Cto+85°C
2.3V-3.6V
3.3V+5%
OPERATING RANGE (VDD)
  Range 
Ambient Temperature
VDD
Speed
  Commercial
0°Cto+70°C
1.65V-2.2V
45ns
Industrial
–40°Cto+85°C
1.65V-2.2V
55ns
Automotive
–40°Cto+125°C
1.65V-2.2V
55ns
OPERATING RANGE (VDD)
  Range 
Ambient Temperature
VDD (45 nS)
  Automotive
–40°Cto+125°C
2.3V-3.6V


Similar Part No. - IS62WV5128DALL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV5128ALL ISSI-IS62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128ALL-70BI ISSI-IS62WV5128ALL-70BI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128ALL-70H ISSI-IS62WV5128ALL-70H Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128ALL-70HI ISSI-IS62WV5128ALL-70HI Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128ALL-70HI ISSI-IS62WV5128ALL-70HI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62WV5128DALL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1048L PYRAMID-P4C1048L Datasheet
156Kb / 12P
   LOW POWER 512K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com