Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT2708 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT2708
Description  64 x 9 First-In, First-Out Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT2708 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT2708 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 1989
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS010144.prf
www.fairchildsemi.com
74ACT2708
64 x 9 First-In, First-Out Memory
General Description
The ACT2708 is an expandable first-in, first-out memory
organized as 64 words by 9 bits. An 85 MHz shift-in and 60
MHz shift-out typical data rate makes it ideal for high-speed
applications. It uses a dual port RAM architecture with
pointer logic to achieve the high speed with negligible fall-
through time.
Separate Shift-In (SI) and Shift-Out (SO) clocks control the
use of synchronous or asynchronous write or read. Other
controls include a Master Reset (MR) and Output Enable
(OE) for initializing the internal registers and allowing the
data outputs to be 3-STATE. Input Ready (IR) and Output
Ready (OR) signal when the FIFO is ready for I/O opera-
tions. The status flags HF and FULL indicate when the
FIFO is full, empty or half full.
The FIFO can be expanded to provide different word
lengths by tying off unused data inputs.
Features
s 64-words by 9-bit dual port RAM organization
s 85 MHz shift-in, 60 MHz shift-out data rate, typical
s Expandable in word width only
s TTL-compatible inputs
s Asynchronous or synchronous operation
s Asynchronous master reset
s Outputs source/sink 8 mA
s 3-STATE outputs
s Full ESD protection
s Input and output pins directly in line for easy board lay-
out
s TRW 1030 work-alike operation
Applications
• High-speed disk or tape controllers
• A/D output buffers
• High-speed graphics pixel buffer
• Video time base correction
• Digital filtering
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignment for DIP
Pin Descriptions
FACT
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACT2708PC
N28B
28-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.600” Wide
Pin Names
Description
D0–D8
Data Inputs
MR
Master Reset
OE
Output Enable Input
SI
Shift-In
SO
Shift-Out
IR
Input Ready
OR
Output Ready
HF
Half Full Flag
FULL
Full Flag
O0–O8
Data Outputs


Similar Part No. - 74ACT2708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74ACT273 ONSEMI-74ACT273 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
74ACT273B STMICROELECTRONICS-74ACT273B Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - 74ACT2708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com