Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT323 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACT323
Description  8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT323 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT323 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT323 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT323 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT323 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT323 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT323 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
±0.5V
AC Operating Requirements
Note 5: Voltage Range 5.0 is 5.0V
±0.5V
Capacitance
VCC
TA = 25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
fmax
Maximum Input Frequency
5.0
120
125
110
MHz
tPLH
Propagation Delay
5.0
5.0
9.0
12.5
4.0
14.0
ns
CP to Q0 or Q7
tPHL
Propagation Delay
5.0
5.0
9.0
13.5
4.5
15.0
ns
CP to Q0 or Q7
tPLH
Propagation Delay
5.0
5.0
8.5
12.5
4.5
14.5
ns
CP to I/On
tPHL
Propagation Delay
5.0
6.0
10.0
14.5
5.0
16.0
ns
CP to I/On
tPZH
Output Enable Time
5.0
3.5
7.5
11.0
3.0
12.5
ns
tPZL
Output Enable Time
5.0
3.5
7.5
11.5
3.0
13.0
ns
tPHZ
Output Disable Time
5.0
4.0
8.5
12.5
3.0
13.5
ns
tPLZ
Output Disable Time
5.0
3.0
8.0
11.5
2.5
12.5
ns
TA = 25°CTA = −40°C to +85°C
Symbol
Parameter
VCC
CL = 50 pF
CL = 50 pF
Units
(V)
VCC = +5.0V
VCC = +5.0V
(Note 5)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
2.0
5.0
5.0
ns
S0 or S1 to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
S0 or S1 to CP
tS
Setup Time, HIGH or LOW
5.0
1.0
4.0
4.5
ns
I/On, DS0, DS7 to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.0
1.0
ns
I/On, DS0, DS 7 to CP
tS
Setup Time, HIGH or LOW
5.0
1.0
2.5
2.5
ns
SR to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.0
1.0
ns
SR to CP
tW
CP Pulse Width
5.0
2.0
4.0
4.5
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
170
pF
VCC = 5.0V


Similar Part No. - 74ACT323

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT32 ONSEMI-74ACT32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
67Kb / 7P
   QUAD 2-INPUT OR GATE
April 1997
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
181Kb / 8P
   QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
   Quad 2-Input OR Gate
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
   Quad 2-Input OR Gate
More results

Similar Description - 74ACT323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
ON Semiconductor
MC74AC323 ONSEMI-MC74AC323 Datasheet
302Kb / 8P
   8-INPUT UNIVERSAL SHIFT/ STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Fairchild Semiconductor
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
   Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
   8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com