Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5262BRU20 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5262BRU20
Description  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262BRU20 Datasheet(HTML) 5 Page - Analog Devices

  AD5262BRU20 Datasheet HTML 1Page - Analog Devices AD5262BRU20 Datasheet HTML 2Page - Analog Devices AD5262BRU20 Datasheet HTML 3Page - Analog Devices AD5262BRU20 Datasheet HTML 4Page - Analog Devices AD5262BRU20 Datasheet HTML 5Page - Analog Devices AD5262BRU20 Datasheet HTML 6Page - Analog Devices AD5262BRU20 Datasheet HTML 7Page - Analog Devices AD5262BRU20 Datasheet HTML 8Page - Analog Devices AD5262BRU20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5260/AD5262
Rev. A | Page 5 of 24
TIMING DIAGRAMS
Table 2. AD5260 8-Bit Serial Data Word Format
Data
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
27
26
25
24
23
22
21
20
Table 3. AD5262 9-Bit Serial Data Word Format
ADDR
Data
B8
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
A0
D7
D6
D5
D4
D3
D2
D1
D0
28
27
26
25
24
23
22
21
20
RDAC REGISTER LOAD
CS
D7
D6
D5
D4
D3
D2
D1
D0
SDI
1
0
CLK
1
0
1
0
VOUT
1
0
Figure 3. AD5260 Timing Diagram
RDAC REGISTER LOAD
CS
D7
A0
D6
D5
D4
D3
D2
D1
D0
SDI
1
0
CLK
1
0
1
0
VOUT
1
0
Figure 4. AD5262 Timing Diagram
1
0
1
0
1
0
1
0
VDD
VOUT
0V
±1 LSB
±1 LSB ERROR BRAND
Ax OR Dx
A'x OR D'x
Dx
D'x
tDS
tCH
tS
tCL
tCSS
tPD
tDH
tCSH
tCS1
tCSW
CS
SDO
(DATA OUT)
SDI
(DATA IN)
CLK
Figure 5. Detailed Timing Diagram
PR
1
0
VDD
0V ±1 LSB ERROR BAND
±1 LSBD
tRS
tS
Figure 6. Preset Timing Diagram


Similar Part No. - AD5262BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Similar Description - AD5262BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com