Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5262BRUZ50 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5262BRUZ50
Description  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ50 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5262BRUZ50 Datasheet HTML 4Page - Analog Devices AD5262BRUZ50 Datasheet HTML 5Page - Analog Devices AD5262BRUZ50 Datasheet HTML 6Page - Analog Devices AD5262BRUZ50 Datasheet HTML 7Page - Analog Devices AD5262BRUZ50 Datasheet HTML 8Page - Analog Devices AD5262BRUZ50 Datasheet HTML 9Page - Analog Devices AD5262BRUZ50 Datasheet HTML 10Page - Analog Devices AD5262BRUZ50 Datasheet HTML 11Page - Analog Devices AD5262BRUZ50 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5260/AD5262
Rev. A | Page 8 of 24
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD5262
TOP VIEW
(Not to Scale)
W1
B1
VDD
SDI
CLK
SHDN
A1
W2
B2
A2
SDO
VL
VSS
CS
PR
GND
Figure 8. AD5262 Pin Configuration
Table 6. AD5262 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDO
Serial Data Output. Open-drain transistor requires a pull-up resistor.
2
A1
A Terminal RDAC 1.
3
W1
Wiper RDAC 1, Address A0 = 0.
4
B1
B Terminal RDAC 1.
5
VDD
Positive Power Supply. Specified for operation at both 5 V or 15 V. (Sum of |VDD| + |VSS| ≤ 15 V)
6
SHDN
Active Low Input. Terminal A, open-circuit. Shutdown controls variable Resistor 1 through Resistor R2.
7
CLK
Serial Clock Input, Positive Edge Triggered.
8
SDI
Serial Data Input.
9
CS
Chip Select Input, Active Low. When CS returns high, data in the serial input register is decoded, based on the
Address Bit A0, and loaded into the target RDAC register.
10
PR
Active Low Preset to Midscale. Sets RDAC registers to 0x80.
11
GND
Ground.
12
VSS
Negative Power Supply. Specified for operation at either 0 V or −5 V (sum of |VDD| + |VSS| < 15 V).
13
VL
Logic Supply Voltage. Needs to be same voltage as the digital logic controlling the AD5262.
14
B2
B Terminal RDAC 2.
15
W2
Wiper RDAC 2, Address A0 = 1.
16
A2
A Terminal RDAC 2.


Similar Part No. - AD5262BRUZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Similar Description - AD5262BRUZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com