Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAL4020-401ME Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XAL4020-401ME
Description  High Temperature Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL4020-401ME Datasheet(HTML) 1 Page - Coilcraft lnc.

  XAL4020-401ME Datasheet HTML 1Page - Coilcraft lnc. XAL4020-401ME Datasheet HTML 2Page - Coilcraft lnc. XAL4020-401ME Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
Shielded Power Inductors –XAL40xx
Document 806-1
Document 806-1 Revised 07/18/12
Inductance2
DCR (mOhms)3
SRF typ4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
(A)
20°C rise 40°C rise
XAL4020-221ME_
0.22
5.81
6.40
191
18.7
12.0
16.8
XAL4020-401ME_
0.40
7.55
8.30
145
12.5
10.0
14.0
XAL4020-601ME_
0.60
9.50
10.45
106
10.4
7.9
11.7
XAL4020-102ME_
1.0
13.25
14.60
79
8.7
6.7
9.6
XAL4020-152ME_
1.5
21.45
23.60
64
7.1
5.2
7.5
XAL4020-222ME_
2.2
35.20
38.70
52
5.6
4.0
5.5
XAL4030-332ME_
3.3
26.0
28.6
43
5.5
5.0
6.6
XAL4030-472ME_
4.7
40.1
44.1
36
4.5
3.9
5.1
XAL4030-682ME_
6.8
67.4
74.1
29
3.6
3.0
3.9
XAL4040-822ME_
8.2
60.8
66.9
27
4.0
2.4
3.4
XAL4040-103ME_
10
84.0
92.4
24
3.0
2.2
3.1
XAL4040-153ME_
15
109
120
20
2.8
2.0
2.8
1. When ordering, please specify
termination and packaging coded:
XAL4020-222MEC
Termination: E = RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape.
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added
($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops 30% (typ) from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C429 contains 5 of each value
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver (96.5/3.5) over copper.
Other terminations available at additional cost.
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +165°C with derated current.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Only pure water or alcohol recommended
• HighcurrentandverylowDCR
• AEC-200Grade1qualified(–40°Cto+125°Cambient)
• SoftsaturationmakesthemidealforVRM/VRDapplications.
Irms Testing
Irms testing was performed on
0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.


Similar Part No. - XAL4020-401ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL4020-401MEB COILCRAFT-XAL4020-401MEB Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
XAL4020-401MEB COILCRAFT-XAL4020-401MEB Datasheet
231Kb / 4P
   Shielded Power Inductors
XAL4020-401MEC COILCRAFT-XAL4020-401MEC Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
XAL4020-401MEC COILCRAFT-XAL4020-401MEC Datasheet
231Kb / 4P
   Shielded Power Inductors
XAL4020-401MED COILCRAFT-XAL4020-401MED Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
More results

Similar Description - XAL4020-401ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL60 COILCRAFT-XAL60 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL7030 COILCRAFT-XAL7030 Datasheet
236Kb / 4P
   High Temperature Shielded Power Inductors
XAL7070 COILCRAFT-XAL7070 Datasheet
208Kb / 4P
   High Temperature Shielded Power Inductors
XAL7020 COILCRAFT-XAL7020 Datasheet
217Kb / 3P
   High Temperature Shielded Power Inductors
XAL1010 COILCRAFT-XAL1010 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1060 COILCRAFT-XAL1060 Datasheet
201Kb / 3P
   High Temperature Shielded Power Inductors
XAL50 COILCRAFT-XAL50 Datasheet
195Kb / 4P
   High Temperature Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1205 BOURNS-SRR1205 Datasheet
417Kb / 2P
   Shielded High Power Inductors
SRR1206 BOURNS-SRR1206_11 Datasheet
331Kb / 2P
   Shielded High Power Inductors
SRR1208 BOURNS-SRR1208 Datasheet
1Mb / 2P
   Shielded High Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com