Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-B09G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B09G
Description  18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B09G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B09G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Internal Circuit Diagram
HDSP-B01G and HDSP-B05G (Common Cathode)
HDSP-B02G and HDSP-B06G (Common Anode)
DIGIT 1
12
DIGIT 2
9
DIGIT 3
8
DIGIT 4
6
A
11
B
7
C
4
D
2
E
1
F
10
G
5
DP
3
BC
DIGIT 1
12
DIGIT 2
9
DIGIT 3
8
DIGIT 4
6
A
11
B
7
C
4
D
2
E
1
F
10
G
5
DP
3
BC


Similar Part No. - HDSP-B09G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B09G AVAGO-HDSP-B09G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B09G-00000 HP-HDSP-B09G-00000 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B09G-00200 HP-HDSP-B09G-00200 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B09G-00300 HP-HDSP-B09G-00300 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B09G-0K000 HP-HDSP-B09G-0K000 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com